Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 6Page - STMicroelectronics ST9040 Datasheet HTML 7Page - STMicroelectronics ST9040 Datasheet HTML 8Page - STMicroelectronics ST9040 Datasheet HTML 9Page - STMicroelectronics ST9040 Datasheet HTML 10Page - STMicroelectronics ST9040 Datasheet HTML 11Page - STMicroelectronics ST9040 Datasheet HTML 12Page - STMicroelectronics ST9040 Datasheet HTML 13Page - STMicroelectronics ST9040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Figure 1-4. Memory Map
1.3 MEMORY
1.3.1 INTRODUCTION
The memory of the ST9 is divided into two spaces:
- Data memory with up to 64K (65536) bytes
- Program memory with up to 64K (65536) bytes
Thus, there is a total of 128K bytes of addressable
memory space.
The 16K bytes of on-chip ROM memory of the
ST9040 are selected at memory addresses 0
through 3FFFh (hexadecimal) in the PROGRAM
space.
The DATA space includes the 512 bytes of on-chip
EEPROM at addresses 0 through 1FFh and the
256 bytes of on-chip RAM memory at addresses
200h through 2FFh.
1.3.2 EEPROM
1.3.2.1 Introduction
The EEPROMmemory provides user-programma-
ble non-volatile memory on-chip, allowing fast and
reliable storage of user data. As there is also no
off-chip access required, as for an external serial
EEPROM, high security levels can be achieved.
The EEPROM memory is read as normal RAM
memory at Data Space addresses 0 to 1FFh, how-
ever one WAIT cycle is automatically added for a
Read cycle, while a byte write cycle to the
EEPROM will cause the start of an ERASE/WRITE
cycle at the addressed location. Word (16 bit)
writes are not allowed.
The programming cycle is self-timed, with a typical
programming time of 6ms. The voltage necessary
for programming the EEPROM is internally gener-
ated with a +18V charge pump circuit.
Up to 16 bytes of data may be programmed into
the EEPROM during the same write cycle by using
the PARALLEL WRITE function.
A standby mode is also available which disables all
power consumption sources within the EEPROM
for low power requirements. When STBY is high,
any attempt to access the EEPROM memory will
produce unpredictable results. After the re-ena-
bling of the EEPROM, a delay of 6 INTCLK cycles
must be allowed before the selection of the
EEPROM.
The EEPROM of the ST9040 has been imple-
mented in a high reliability technology developed
by SGS-THOMSON, this, together with the double
bit structure, allow 300k Erase/Write cycles and 10
year data retention to be achieved on a microcon-
troller.
Control of the EEPROM is performed through one
register mapped at register addressR241 in Page 0.
®
ST9040
10/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com