Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 34Page - STMicroelectronics ST9040 Datasheet HTML 35Page - STMicroelectronics ST9040 Datasheet HTML 36Page - STMicroelectronics ST9040 Datasheet HTML 37Page - STMicroelectronics ST9040 Datasheet HTML 38Page - STMicroelectronics ST9040 Datasheet HTML 39Page - STMicroelectronics ST9040 Datasheet HTML 40Page - STMicroelectronics ST9040 Datasheet HTML 41Page - STMicroelectronics ST9040 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Figure 3. ST90E40 Block Diagram
1.1 GENERAL DESCRIPTION
The ST90E40 and ST90T40 (following mentioned
as ST90E40)are EPROM members of the ST9 fam-
ilyof microcontrollers, in windowed ceramic (E) and
plastic OTP (T) packages respectively, completely
developed and produced by SGS-THOMSON Mi-
croelectronics using a n-well proprietary HCMOS
process.
The EPROM parts are fully compatible with their
ROM versions and this datasheet will thus provide
only information specific to the EPROM based de-
vices.
THE READER IS ASKED TO REFER TO THE
DATASHEET OF THE ST9040 ROM-BASED DE-
VICE FOR FURTHER DETAILS.
The EPROM ST90E40 may be used for the proto-
typing and pre-production phases of development,
and can be configured as: a standalone microcon-
troller with 16K bytes of on-chip EPROM, a micro-
controller able to manage external memory, or as a
parallel processing element in a system with other
processors and peripheral controllers.
The nucleus of the ST90E40 is the advanced Core
which includes the Central Processing Unit (CPU),
the Register File, a 16 bit Timer/Watchdog with 8
bit Prescaler, a Serial Peripheral Interface support-
ing S-bus, I
2C-bus and IM-bus Interface,plus two 8
bit I/O ports. The Core has independent memory
and register buses allowing a high degree of pipe-
lining to add to the efficiency of the code execution
speed of the extensive instruction set.
The powerful I/O capabilities demanded by micro-
controller applications are fulfilled by the ST90E40
with up to 56 I/O lines dedicated to digital In-
put/Output. These lines are grouped into up to
seven 8 bit I/O Ports and can be configured on a bit
basis under software control to provide timing,
status signals, an address/data bus for interfacing
external memory, timer inputs and outputs, analog
inputs, external interrupts and serial or parallel I/O
with or without handshake.
CPU
1 6-Bit TIMER / WATCHDOG + SPI
SCI
WITH DMA
I/O POR T 7
(SC I )
8
256 Bytes
REGISTER FILE
2 x 16-bit TIMER
W ITH DM A
I/O PORT 3
( TIMERS )
8
I/O PORT 0
( Address /Data )
8
I/O PORT 1
( Address )
8
512 Bytes
EEPROM
256 Bytes
RAM
16k Bytes
EPROM
I/O PORT 2
( SPI )
8
I/O PORT 4
( Ana log Inpu ts )
8
A/ D
CONVERTER
I/O PORT 5
WITH HANDSHAKE
8
MEMORY BUS
REGISTER BUS
VR0A1385
INT0
INT7
AV
DD
AV
SS
®
ST90E40 - ST90T40
38/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com