Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 18Page - STMicroelectronics ST9040 Datasheet HTML 19Page - STMicroelectronics ST9040 Datasheet HTML 20Page - STMicroelectronics ST9040 Datasheet HTML 21Page - STMicroelectronics ST9040 Datasheet HTML 22Page - STMicroelectronics ST9040 Datasheet HTML 23Page - STMicroelectronics ST9040 Datasheet HTML 24Page - STMicroelectronics ST9040 Datasheet HTML 25Page - STMicroelectronics ST9040 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
N
°
Symbol
Parameter
Value (Note)
Unit
OSCIN
Divided By
2 Min.
OSCIN Not
Divided By
2 Min.
Min. Max.
1
TwLR
Low Level Minimum Pulse Width in Rising Edge Mode
2TpC+12
TpC+12
95
ns
2
TwHR
High Level Minimum Pulse Width in Rising Edge Mode
2TpC+12
TpC+12
95
ns
3
TwHF
High Level Minimum Pulse Width in Falling Edge Mode
2TpC+12
TpC+12
95
ns
4
TwLF
Low Level Minimum Pulse Width in Falling Edge Mode
2TpC+12
TpC+12
95
ns
Note: The value left hand two columns show the formula used to calculate the timing minimum or maximum from the oscillator clock period,
prescale value and number of wait cycles inserted.
The value right hand two columns show the timing minimum and maximum for an external clock at 24 MHz divided by 2, prescale value of zero
and zero wait status.
EXTERNAL INTERRUPT TIMING TABLE (VDD =5V
± 10%,TA =–40°Cto+85°C, Cload = 50pF,
INTCLK = 12MHz, Push-pull output configuration, unless otherwise specified)
EXTERNAL INTERRUPT TIMING
®
ST9040
22/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com