Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 42Page - STMicroelectronics ST9040 Datasheet HTML 43Page - STMicroelectronics ST9040 Datasheet HTML 44Page - STMicroelectronics ST9040 Datasheet HTML 45Page - STMicroelectronics ST9040 Datasheet HTML 46Page - STMicroelectronics ST9040 Datasheet HTML 47Page - STMicroelectronics ST9040 Datasheet HTML 48Page - STMicroelectronics ST9040 Datasheet HTML 49Page - STMicroelectronics ST9040 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
80-Pin Ceramic Quad Flat Package with Window
PACKAGE MECHANICAL DATA
68-Pin Ceramic Leadless Chip Carrier with Window
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.55
0.14
A2
3.40
0.133
D
23.90
0.941
D1
20.00
0.787
D3
18.40
0.724
E
17.90
0.705
E1
14.00
0.551
E3
12.00
0.472
Ø
7.62
0.3
e
0.80
0.032
Number of Pins
N80
ND
24
NE
16
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
4.47
0.176
A1
0.89
0.035
A3
-
-
B
0.48
0.019
B1
-
-
D
25.1
0.990
D1
23.6
0.930
D3
20.3
0.800
E
25.1
0.990
E1
23.6
0.930
E3
20.3
0.800
Ø
8
0.32
e
1.27
0.050
Number of Pins
N68
ND
16
NE
16
®
ST90E40 - ST90T40
46/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com