Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 20Page - STMicroelectronics ST9040 Datasheet HTML 21Page - STMicroelectronics ST9040 Datasheet HTML 22Page - STMicroelectronics ST9040 Datasheet HTML 23Page - STMicroelectronics ST9040 Datasheet HTML 24Page - STMicroelectronics ST9040 Datasheet HTML 25Page - STMicroelectronics ST9040 Datasheet HTML 26Page - STMicroelectronics ST9040 Datasheet HTML 27Page - STMicroelectronics ST9040 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
WATCHDOG TIMING
N
°
Symbol
Parameter
Values
Unit
Min.
Max.
1
TwWDOL
WDOUT Low Pulse Width
620
ns
2
TwWDOH
WDOUT High Pulse Width
620
ns
3
TwWDIL
WDIN High Pulse Width
350
ns
4
TwWDIH
WDIN Low Pulse Width
350
ns
WATCHDOG TIMING TABLE(VDD =5V
± 10%, TA =– 40 °Cto +85°C, Cload = 50pF,
CPUCLK = 12MHz, Push-pull output configuration, unless otherwise specified )
®
ST9040
24/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com