Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 9Page - STMicroelectronics ST9040 Datasheet HTML 10Page - STMicroelectronics ST9040 Datasheet HTML 11Page - STMicroelectronics ST9040 Datasheet HTML 12Page - STMicroelectronics ST9040 Datasheet HTML 13Page - STMicroelectronics ST9040 Datasheet HTML 14Page - STMicroelectronics ST9040 Datasheet HTML 15Page - STMicroelectronics ST9040 Datasheet HTML 16Page - STMicroelectronics ST9040 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
2 ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 7.0
V
AVDD,AVSS
Analog Supply Voltage
VSS =AVSS <AVDD
≤ VDD
V
VI
Input Voltage
– 0.3 to VDD +0.3
V
VO
Output Voltage
– 0.3 to VDD +0.3
V
TSTG
Storage Temperature
– 55 to + 150
°C
IINJ
Pin Injection Current Digital Input
-5 to +5
mA
IINJ
Pin Injection Current Analog Input
-5 to +5
mA
Maximum Accumulated Pin injection Current in the device
-50 to +50
mA
Note: Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliability. All voltages are referenced to VSS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
– 40
85
°C
VDD
Operating Supply Voltage
4.5
5.5
V
fOSCE
External Oscillator Frequency
24
MHz
fOSCI
Internal Clock Frequency (INTCLK)
12
MHz
RECOMMENDED OPERATING CONDITIONS
®
ST9040
13/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com