Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 48Page - STMicroelectronics ST9040 Datasheet HTML 49Page - STMicroelectronics ST9040 Datasheet HTML 50Page - STMicroelectronics ST9040 Datasheet HTML 51Page - STMicroelectronics ST9040 Datasheet HTML 52Page - STMicroelectronics ST9040 Datasheet HTML 53Page - STMicroelectronics ST9040 Datasheet HTML 54Page - STMicroelectronics ST9040 Datasheet HTML 55Page - STMicroelectronics ST9040 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
I/O PORT
Name
Function
IN/OUT
Alternate Function
Port.bit
P3.5
T1OUTA
O
MF Timer 1 Output A
10
P3.6
T1INB
I
MF Timer 1 Input B
9
P3.7
T1OUTB
O
MF Timer 1 Output B
8
P4.0
Ain0
I
A/D Analog Input 0
52
P4.1
Ain1
I
A/D Analog Input 1
53
P4.2
Ain2
I
A/D Analog Input 2
54
P4.3
Ain3
I
A/D Analog Input 3
55
P4.4
Ain4
I
A/D Analog Input 4
61
P4.5
Ain5
I
A/D Analog Input 5
56
P4.6
Ain6
I
A/D Analog Input 6
57
P4.7
Ain7
I
A/D Analog Input 7
58
P5.0
I/O
I/O Handshake Port 5
3
P5.1
I/O
I/O Handshake Port 5
2
P5.2
I/O
I/O Handshake Port 5
1
P5.3
I/O
I/O Handshake Port 5
68
P5.4
I/O
I/O Handshake Port 5
65
P5.5
I/O
I/O Handshake Port 5
64
P5.6
I/O
I/O Handshake Port 5
63
P5.7
I/O
I/O Handshake Port 5
62
P7.0
SIN
I
SCI Serial Input
43
P7.1
SOUT
O
SCI Serial Output
42
P7.2
INT4
I
External Interrupt 4
41
P7.2
TXCLK
I
SCI Transmit Clock Input
41
P7.2
CLKOUT
O
SCI Byte Sync Clock Output
41
P7.3
INT5
I
External Interrupt 5
40
P7.3
RXCLK
I
SCI Receive Clock Input
40
P7.3
ADTRG
I
A/D Conversion Trigger
40
P7.4
INT6
I
External Interrupt 6
39
P7.4
P/D
O
Program/Data Space Select
39
P7.5
WAIT
I
External Wait Input
38
P7.6
WDOUT
O
T/WD Output
37
P7.6
BUSREQ
I
External Bus Request
37
P7.7
WDIN
I
T/WD Input
36
P7.7
BUSACK
O
External Bus Acknowledge
36
Table 2. I/O Port Alternate Function Summary (Continued)
PIN DESCRIPTION (Continued)
®
ST90R40
54/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com