Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 38Page - STMicroelectronics ST9040 Datasheet HTML 39Page - STMicroelectronics ST9040 Datasheet HTML 40Page - STMicroelectronics ST9040 Datasheet HTML 41Page - STMicroelectronics ST9040 Datasheet HTML 42Page - STMicroelectronics ST9040 Datasheet HTML 43Page - STMicroelectronics ST9040 Datasheet HTML 44Page - STMicroelectronics ST9040 Datasheet HTML 45Page - STMicroelectronics ST9040 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
1.1 MEMORY
The memory of the ST90E40 is functionallydivided
into two areas, the Register File and Memory. The
Memory is divided into two spaces, each having a
maximum of 65,536 bytes. The two memory
spaces are separated by function, one space for
Program code, the other for Data. The ST90E40
16K bytes of on-chip EPROM memory are se-
lected at memory addresses 0 through 3FFFh
(hexadecimal) in the PROGRAM space, while the
ST90T40 OTP version has the top 64 bytes of the
EPROM reserved by SGS-THOMSON for testing
purposes. The DATA space includes the 512 bytes
of on-chip EEPROM at addresses 0 through 1FFh
and the 256 bytes of on-chip RAM memory at
memory addresses 200h through 2FFh.
WARNING. The ST90T40 has its 64 upper bytes in
the internal EPROM reserved for testing purpose.
External memory may be addressed using the mul-
tiplexed address and data buses (Alternate Func-
tions of Ports 0 and 1). At addresses greater than
the first 16K of program space, the ST90E40 exe-
cutes external memory cycles for instruction
fetches. Additional Data Memory may be decoded
externally by using the P/D Alternate Function out-
put. The on-chip general purpose (GP) Registers
may also be used as RAM memory for minimum
chip count systems.
1.2 EPROM PROGRAMMING
The 16384 bytes of EPROM memory of the
ST90E40 (16320 for the ST90T40) may be pro-
grammed by using the EPROM Programming
Boards (EPB) available from SGS-THOMSON.
1.2.1 Eprom Erasing
The EPROM of the windowed package of the
ST90E40may be erased by exposureto Ultra-Violet
light.
The erasure characteristic of the ST90E40 is such
that erasure begins when the memory is exposed
to light with a wave lengths shorter than approxi-
mately 4000Å. It should be noted that sunlight and
some types of fluorescent lamps have wave-
lengths in the range 3000-4000Å. It is thus recom-
mended that the
window of the ST90E40
packages be covered by an opaque label to pre-
vent unintentional erasure problems when testing
the application in such an environment.
The recommended erasure procedure of the
EPROM is the exposure to short wave ultraviolet
light which have a wave-length 2537Å. The inte-
grated dose (i.e. U.V. intensity x exposuretime) for
erasure should be a minimum of 15W-sec/cm2.
The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with
12000
µW/cm2 power rating. The ST90E40 should
be placed within 2.5cm (1Inch) of the lamp tubes
during erasure.
Figure 4. Memory Spaces
®
ST90E40 - ST90T40
42/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com