Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 27Page - STMicroelectronics ST9040 Datasheet HTML 28Page - STMicroelectronics ST9040 Datasheet HTML 29Page - STMicroelectronics ST9040 Datasheet HTML 30Page - STMicroelectronics ST9040 Datasheet HTML 31Page - STMicroelectronics ST9040 Datasheet HTML 32Page - STMicroelectronics ST9040 Datasheet HTML 33Page - STMicroelectronics ST9040 Datasheet HTML 34Page - STMicroelectronics ST9040 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
80-Pin Plastic Quad Flat Package
PACKAGE MECHANICAL DATA
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A2
2.55 2.80
3.05
0.100 0.110 0.120
D
22.95 23.20 24.45 0.903 0.913 0.923
D1
19.90 20.00 20.10 0.783 0.787 0.791
D3
18.40
0.724
E
16.95 17.20 17.45 0.667 0.677 0.687
E1
13.90 14.00 14.10 0.547 0.551 0.555
E3
12.00
0.472
e
0.80
0.032
Number of Pins
N80
ND
24
NE
16
Short Footprint Measurement
Short Footprint recommended Padding
®
ST9040
31/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com