Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 28Page - STMicroelectronics ST9040 Datasheet HTML 29Page - STMicroelectronics ST9040 Datasheet HTML 30Page - STMicroelectronics ST9040 Datasheet HTML 31Page - STMicroelectronics ST9040 Datasheet HTML 32Page - STMicroelectronics ST9040 Datasheet HTML 33Page - STMicroelectronics ST9040 Datasheet HTML 34Page - STMicroelectronics ST9040 Datasheet HTML 35Page - STMicroelectronics ST9040 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Sales Type
Frequency
Temperature Range
Package
ST9040Q1/XX
24MHz
0
°Cto + 70°C
PQFP80
ST9040C1/XX
PLCC68
ST9040C6/XX
-40
°Cto + 85°C
PLCC68
Note: ”XX” is the ROM code identifier that is allocated by SGS-THOMSON after receipt of all requi red options and the related ROM file.
ORDERING INFORMATION
68-Pin Plastic Leadless Chip Carrier
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
4.20
5.08 0.165
0.200
A1
0.51
0.020
A3
2.29
3.30 0.090
0.130
B
------
B1
------
D
25.02
25.27 0.985
0.995
D1
24.13
24.33 0.950
0.958
D3
20.32
0.800
E
25.02
25.27 0.985
0.995
E1
24.13
24.33 0.950
0.958
E3
20.32
0.800
K1
------
h
e
1.27
0.050
Number of Pins
N68
ND
16
NE
16
®
ST9040
32/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com