Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 45Page - STMicroelectronics ST9040 Datasheet HTML 46Page - STMicroelectronics ST9040 Datasheet HTML 47Page - STMicroelectronics ST9040 Datasheet HTML 48Page - STMicroelectronics ST9040 Datasheet HTML 49Page - STMicroelectronics ST9040 Datasheet HTML 50Page - STMicroelectronics ST9040 Datasheet HTML 51Page - STMicroelectronics ST9040 Datasheet HTML 52Page - STMicroelectronics ST9040 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ST90R40
®
ROMLESS HCMOS MCU
WITH EEPROM, RAM AND A/D CONVERTER
(Ordering Information at the end of the Datasheet)
Register oriented 8/16 bit CORE with
RUN, WFI and HALT modes
Minimum instruction cycle time:500ns
(12MHz internal)
ROMless to allow maximum external memory
flexibility
Internal Memory :
RAM
256 bytes
EEPROM
512 bytes
224 general purpose registers available as
RAM, accumulators or index pointers
(register file)
68-lead Plastic Leaded Chip Carrier package for
ST90R40C
DMA controller, Interrupt handler and Serial Pe-
ripheral Interface as standard features
40 fully programmable I/O pins
Up to 8 external plus 1 non-maskableinterrupts
16 bit Timer with 8 bit Prescaler, able to be used
as a Watchdog Timer
Two 16 bit Multifunction Timers, each with an 8
bit prescaler and 13 operating modes
8 channel 8 bit Analog to Digital Converter, with
Analog Watchdogs and external references
Serial Communications Interface with asynchro-
nous and synchronous capability
Rich Instruction Set and 14 Addressingmodes
Division-by-Zero trap generation
Versatile development tools, including assembler,
linker, C-compiler, archiver, graphic orinted de-
buggerand hardware emulators
Real Time Operating System
Compatible with ST9040 16K ROM device (also
availablein windowed and One Time Programma-
ble EPROM packages)
PLCC68
March 1994
49/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com