Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 48Page - STMicroelectronics ST9040 Datasheet HTML 49Page - STMicroelectronics ST9040 Datasheet HTML 50Page - STMicroelectronics ST9040 Datasheet HTML 51Page - STMicroelectronics ST9040 Datasheet HTML 52Page - STMicroelectronics ST9040 Datasheet HTML 53Page - STMicroelectronics ST9040 Datasheet HTML 54Page - STMicroelectronics ST9040 Datasheet HTML 55Page - STMicroelectronics ST9040 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
I/O PORT
Name
Function
IN/OUT
Alternate Function
Port.bit
P0.0
A0/D0
I/O
Address/Data bit 0 mux
24
P0.1
A1/D1
I/O
Address/Data bit 1 mux
25
P0.2
A2/D2
I/O
Address/Data bit 2 mux
26
P0.3
A3/D3
I/O
Address/Data bit 3 mux
27
P0.4
A4/D4
I/O
Address/Data bit 4 mux
28
P0.5
A5/D5
I/O
Address/Data bit 5 mux
29
P0.6
A6/D6
I/O
Address/Data bit 6 mux
30
P0.7
A7/D7
I/O
Address/Data bit 7 mux
31
P1.0
A8
O
Address bit 8
23
P1.1
A9
O
Address bit 9
22
P1.2
A10
O
Address bit 10
21
P1.3
A11
O
Address bit 11
20
P1.4
A12
O
Address bit 12
19
P1.5
A13
O
Address bit 13
18
P1.6
A14
O
Address bit 14
17
P1.7
A15
O
Address bit 15
16
P2.0
NMI
I
Non-Maskable Interrupt
44
P2.1
P/D
O
Program/Data Space Select
45
P2.1
SDI
I
SPI Serial Data Out
45
P2.2
INT2
I
External Interrupt 2
46
P2.2
SCK
O
SPI Serial Clock
46
P2.3
SDO
O
SPI Serial Data In
47
P2.4
INT1
I
External Interrupt 1
48
P2.4
WRSTB5
O
Handshake Write Strobe P5
48
P2.5
WRRDY5
I
Handshake Write Ready P5
49
P2.6
INT3
I
External Interrupt 3
50
P2.6
RDSTB5
I
Handshake Read Strobe P5
50
P2.6
P/D
O
Program/Data Space Select
50
P2.7
RDRDY5
O
Handshake Read Ready P5
51
P3.0
T0INA
I
MF Timer 0 Input A
15
P3.0
P/D
O
Program/Data Space Select
15
P3.1
T0OUTA
O
MF Timer 0 Output A
14
P3.2
T0INB
I
MF Timer 0 Input B
13
P3.3
T0OUTB
O
MF Timer 0 Output B
12
P3.4
T1INA
I
MF Timer 1 Input A
11
Table 2. I/O Port Alternate Function Summary
PIN DESCRIPTION (Continued)
®
ST90R40
53/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com