Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 33Page - STMicroelectronics ST9040 Datasheet HTML 34Page - STMicroelectronics ST9040 Datasheet HTML 35Page - STMicroelectronics ST9040 Datasheet HTML 36Page - STMicroelectronics ST9040 Datasheet HTML 37Page - STMicroelectronics ST9040 Datasheet HTML 38Page - STMicroelectronics ST9040 Datasheet HTML 39Page - STMicroelectronics ST9040 Datasheet HTML 40Page - STMicroelectronics ST9040 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Pin
Name
Pin
Name
Pin
Name
Pin
Name
61
P44/AIN4
10
P35/T1OUTA
43
P70/SIN
60
AVSS
62
P57
11
P34/T1INA
42
P71/SOUT
59
AVDD
63
P56
12
P33/T0OUTB
41
P72/CLKOUT
/TXCLK/INT4
58
P47/AIN7
64
P55
13
P32/T0INB
57
P46/AIN6
65
P54
14
P31/T0OUTA
40
P73/ADTRG
/RXCLK/INT5
56
P45/AIN5
66
INT7
15
P30/P/D/T0INA
55
P43/AIN3
67
INT0
16
P17/A15
39
P74/P/D/INT6
54
P42/AIN2
68
P53
17
P16/A14
38
P75/WAIT
53
P41/AIN1
q 1
P52
18
P15/A13
37
P76/WDOUT
/BUSREQ
52
P40/AIN0
2
P51
19
P14/A12
51
P27/RRDY5
3
P50
20
P13/A11
36
P77/WDIN
/BUSACK
50
P26/INT3
/RDSTB5/P/D
4
OSCOUT
21
P12/A10
5VSS
22
P11/A9
35
R/W
49
P25/WRRDY5
6
OSCIN
23
P10/A8
34
DS
48
P24/INT1
/WRSTB5
7
RESET/VPP
24
P00/A0/D0
33
AS
8
P37/T1OUTB
25
P01/A1/D1
32
VDD
47
P23/SDO
9
P36/T1INB
26
P02/A2/D2
31
P07/A7/D7
46
P22/INT2/SCK
30
P06/A6/D6
45
P21/SDI/P/D
29
P05/A5/D5
44
P20/NMI
28
P04/A4/D4
27
P03/A3/D3
Table 2. ST90E40L-ST90T40C
Figure 2. 68 Pin LCC Package
®
ST90E40 - ST90T40
37/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com