Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 8Page - STMicroelectronics ST9040 Datasheet HTML 9Page - STMicroelectronics ST9040 Datasheet HTML 10Page - STMicroelectronics ST9040 Datasheet HTML 11Page - STMicroelectronics ST9040 Datasheet HTML 12Page - STMicroelectronics ST9040 Datasheet HTML 13Page - STMicroelectronics ST9040 Datasheet HTML 14Page - STMicroelectronics ST9040 Datasheet HTML 15Page - STMicroelectronics ST9040 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Figure 1-5. EEPROM Parallel Programming Rows
EEPROM (Continued)
1.3.2.7 EEPROM Control Register
EECR R241 (F1h) Page 0 Read/Write
(except EEBUSY: read only)
EEPROM Control Register
Reset value : 0000 0000b (00h)
70
0
VERIFY EESTBY EEIEN PLLST PLLEN EEBUSY EEWEN
bit 7 = B7: This bit is forced to “0” after reset and
MUST not be modified by the user.
bit 6 = VERIFY:
Set Verify mode. Verify (active
high) is used to activate the verify mode.
The verify mode provides a guarentee of good re-
tention of the programmed bit. When active, the
reading voltage on the cell gate is decreased from
1.2V to 0.0V, decreasing the current from the pro-
grammed cell by 20%. If the cell is well pro-
grammed (to “1”), a “1” will still be read, otherwise
a “0” will be read.
Note . The verify mode must not be used during an
erasing or a programming cycle).
bit 5 = EESTBY:
EEPROM Stand-By. EESTBY =
“1” switches off all power consumption sources in-
side the EEPROM. Any attempt to access the
EEPROM when EESTBY = “1” will produce unpre-
dictable results.
Note. After EESTBY is reset, the user must wait 6
CPUCLK cycles (e.g. 1 nop instruction) before se-
lecting the EEPROM.
bit 4 = EEIEN:
EEPROM Interrupt Enable. INTEN
= “1” disables the external interrupt source INT4,
and enables the EEPROM to send its interrupt re-
quest to the central interrupt unit at the end of each
write procedure.
bit 3 = PLLST:
Parallel Write Start. Setting PLLST
to “1” starts the parallel writing procedure.It can be
set only if PLLEN is already set. PLLST is internally
reset at the end of the programming sequence.
bit 2 = PLLEN:
Parallel write Enable. Setting
PLLEN to “1” enables the parallel writing mode
which allows the user to write up to 16 bytes at the
same time. PLLEN is internally reset at the end of
the programming sequence.
bit 1 = EEBUSY:
BUSY. When this read only bit is
high, an EEPROM write operation is in progress
and any attempt to access the EEPROM is
aborted.
bit 0 = EEWEN:
EEPROM Write Enable. Setting
this bit allows programming of the EEPROM, when
low a writing attempt has no effect.
1.3.3 REGISTER MAP
Please refer to the Register Map of the ST9036 for
all general registers with the exceptionof the regis-
ter shown in the following table.
EECR
R241
(F1h)
Page 0
Read/Write
Control Registers
Table 1-5. Register Map Addendum
®
ST9040
12/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com