Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 21Page - STMicroelectronics ST9040 Datasheet HTML 22Page - STMicroelectronics ST9040 Datasheet HTML 23Page - STMicroelectronics ST9040 Datasheet HTML 24Page - STMicroelectronics ST9040 Datasheet HTML 25Page - STMicroelectronics ST9040 Datasheet HTML 26Page - STMicroelectronics ST9040 Datasheet HTML 27Page - STMicroelectronics ST9040 Datasheet HTML 28Page - STMicroelectronics ST9040 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
N
°
Symbol
Parameter
Oscin divided
by 2
(1)
Oscin not
divided
(1)
Value
(2)
Unit
Min.
Max.
Min.
Max.
Min.
Max.
1TLOW
External Trigger pulse width
2xTPC
TPC
83
ns
2THIGH
External Trigger pulse
2xTPC
TPC
83
ns
3TEXT
External trigger active
edges distance
138xTPC
69xTPC
5.75
µs
4TSTR
Internal delay between
EXTRG falling edge and first
conversion start
TPC
3xTPC
0.5xTPC 1.5xTPC
41.5
125
ns
Notes:
1.
Variable clock (TPC=OSCIN clock period)
2.
INTCLK=12MHz
EXTERNAL TRIGGER TIMING (VDD =5V
± 10%, TA = –40°C to +85°C, Cload = 50pF)
A/D External Trigger Timing
A/D CONVERTER
®
ST9040
25/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com