Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 29Page - STMicroelectronics ST9040 Datasheet HTML 30Page - STMicroelectronics ST9040 Datasheet HTML 31Page - STMicroelectronics ST9040 Datasheet HTML 32Page - STMicroelectronics ST9040 Datasheet HTML 33Page - STMicroelectronics ST9040 Datasheet HTML 34Page - STMicroelectronics ST9040 Datasheet HTML 35Page - STMicroelectronics ST9040 Datasheet HTML 36Page - STMicroelectronics ST9040 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
ST9040 STANDARD OPTION LIST
Please copy this page (enlarge if possible) and complete ALL sections.
Send the form, with the ROM code image required, to your local SGS-THOMSON sales office.
Customer Company :
[.. .. . ... . . ... . . . . . . . . . . . . . . . . . . . . . ... .. .. . ... .. ... . . . . .. .. .. ... .. .]
Company Address :
[.. .. . ... . . ... . . . . . . . . . . . . . . . . . . . . . ... .. .. . ... .. ... . . . . .. .. .. ... .. .]
[.. .. . ... . . ... . . . . . . . . . . . . . . . . . . . . . ... .. .. . ... .. ... . . . . .. .. .. ... .. .]
Telephone :
[. . . ... . . . . . . ... .. .. .. . . .. . ]
FAX :
[. . . ... . . . . . . ... .. .. .. . . .. . ]
Contact :
[. . . ... . . . . . . ... .. .. .. . . .. . ]
Telephone (Direct) : [.. ... . . . ... ... . ... .. ... . . . ]
Please confirm characteristics of device :
Device
ST9040
Package
[
] PQFP80
[
] PLCC68
Temperature Range
[
] -40
°C to +85°C[ ] 0°C to +70°C
Special Marking
[
] No
[
] Yes
14 characters
[ | | | | | ||||| | | |]
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Please consult your local SGS-THOMSON sales office for other marking details if required.
Notes :
Code :
[
] EPROM (27128, 27256)
[
] HEX format files on IBM-PC
® compatible disk
filename : [.. . ... ... .. ... . . . . . ... ]
Confirmation :
[
] Code checked with EPROM device in application
Yearly Quantity forecast :
[... ... . ... . . . . ... .. ... . ... . ] k units
- for a period of :
[. . . . .. .. .. ... .. .. . . . . . . . . . . ] years
Preferred Production start dates : [. .. . .. . . . . ... .. .. ... . . . ] (YY/MM/DD)
Customer Signature :
Date :
®
ST9040
33/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com