Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 2Page - STMicroelectronics ST9040 Datasheet HTML 3Page - STMicroelectronics ST9040 Datasheet HTML 4Page - STMicroelectronics ST9040 Datasheet HTML 5Page - STMicroelectronics ST9040 Datasheet HTML 6Page - STMicroelectronics ST9040 Datasheet HTML 7Page - STMicroelectronics ST9040 Datasheet HTML 8Page - STMicroelectronics ST9040 Datasheet HTML 9Page - STMicroelectronics ST9040 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Figure 3. ST9040 Block Diagram
1.2 PIN DESCRIPTION
AS.
Address Strobe (output, active low, 3-state).
Address Strobe is pulsed low once at the begin-
ning of each memory cycle. The rising edge of AS
indicates that address, Read/Write (R/W), and
Data Memory signals are valid for program or data
memory transfers. Under program control, AS can
be placed in a high-impedance state along with
Port 0 and Port 1, Data Strobe (DS) and R/W.
DS.
Data Strobe (output, active low, 3-state). Data
Strobe provides the timing for data movement to or
from Port 0 for each memory transfer. During a
write cycle, data out is valid at the leading edge of
DS. During a read cycle, Data In must be valid prior
to the trailing edge of DS. When the ST9040 ac-
cesses on-chip memory, DS is held high during the
whole memory cycle. It can be placed in a high im-
pedancestate alongwith Port 0, Port 1, AS and R/W.
R/W.
Read/Write (output, 3-state). Read/Write
determines the direction of data transfer for exter-
nal memory transactions. R/W is low when writing
to external program or data memory, and high for
all other transactions. It can be placed in a high im-
pedancestate along with Port 0, Port 1, AS and DS.
RESET.
Reset (input, active low). The ST9 is initial-
isedby the Reset signal. With the deactivationof RE-
SET, program execution begins from the Program
memory location pointed to by the vector contained
in program memory locations 00h and 01h.
INT0, INT7. External interrupts (input, active on ris-
ing or falling edge). External interrupt inputs 0 and
7 respectively. INT0 channel may also be used for
the timer watchdog interrupt.
OSCIN, OSCOUT. Oscillator (input and output).
These pins connect a parallel-resonant crystal
(24MHz maximum), or an external source to the
on-chip clock oscillator and buffer. OSCIN is the in-
put of the oscillator inverter and internal clock gen-
erator; OSCOUT is the output of the oscillator
inverter.
AVDD. AnalogVDD ofthe Analogto Digital Converter.
AVSS. Analog VSS of the Analog to Digital Con-
verter.
Must be tied to VSS.
VDD. Main Power Supply Voltage (5V
± 10%)
VSS. Digital Circuit Ground.
P0.0-P0.7, P1.0-P1.7, P2.0-P2.7 P3.0-P3.7, P4.0-
P4.7, P5.0-P5.7, P7.0-P7.7
I/O Port Lines (In-
put/Output, TTL or CMOS compatible). 56 lines
grouped into I/O ports of 8 bits, bit programmable
under program control as general purpose I/O or
as alternate functions.
1.2.1 I/O Port Alternate Functions
Each pin of the I/O ports of the ST9040 may as-
sume software programmable Alternative Func-
tions as shown in the Pin Configuration Drawings.
Table 1-3 shows the Functions allocated to each
I/O Port pins and a summary of packagesfor which
they are available.
CPU
16-Bit TIMER / WATCHDOG + SPI
SCI
WITH DMA
I/O PORT 7
(S CI )
8
256 Bytes
REGISTER FILE
2 x 16-bi t TIME R
WITH DMA
I/O PORT 3
( TIMERS )
8
I/O PORT 0
(Address/Data )
8
I/O PORT 1
( Address )
8
512 Bytes
EEPROM
256 Bytes
RAM
16 k Bytes
ROM
I/O PORT 2
( SPI )
8
I/O PORT 4
( Analog Inputs )
8
A/ D
CONVERTER
I/O PORT 5
WITH HANDSHAKE
8
MEMORY BUS
REGISTER BUS
VR001385
IN T0
INT7
AV
DD
AV
SS
®
ST9040
6/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com