Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 47Page - STMicroelectronics ST9040 Datasheet HTML 48Page - STMicroelectronics ST9040 Datasheet HTML 49Page - STMicroelectronics ST9040 Datasheet HTML 50Page - STMicroelectronics ST9040 Datasheet HTML 51Page - STMicroelectronics ST9040 Datasheet HTML 52Page - STMicroelectronics ST9040 Datasheet HTML 53Page - STMicroelectronics ST9040 Datasheet HTML 54Page - STMicroelectronics ST9040 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
1.1 GENERAL DESCRIPTION
The ST90R40 is a ROMLESS member of the ST9
family of microcontrollers, completely developed
and produced by SGS-THOMSON Microelectron-
ics using a proprietary n-well HCMOS process.
The ROMLESS part may be used for the prototyp-
ing and pre-production phases of development,
and offers the maximum in program flexibility in
production systems.
The ST90R40 is fully compatible with the ST9040
ROM version and this datasheet will thus provide
only information specific to the ROMLESS device.
THE READER IS ASKED TO REFER TO THE
DATASHEET OF THE ST9040 ROM-BASED DE-
VICE.
The ROMLESS ST90R40 can be configured as a
microcontroller able to manage external memory,
or as a parallel processing element in a system
with other processors and peripheral controllers.
The nucleus of the ST90R40 is the advanced Core
which includes the Central Processing Unit (CPU),
the Register File, a 16 bit Timer/Watchdog with 8
bit Prescaler, a Serial Peripheral Interface support-
ing S-BUS, I
2C-bus and IM-bus Interface, plus two
Figure 2. Block Diagram
CPU
1 6-Bit TIMER / WATCHDOG + SPI
SCI
WITH DMA
I/O POR T 7
(SC I )
8
256 Bytes
REGISTER FILE
2 x 16-bit TIMER
W ITH DM A
I/O PORT 3
( TIMERS )
8
I/O PORT 0
( Address /Data )
8
I/O PORT 1
( Address )
8
512 Bytes
EEPROM
256 Bytes
RAM
I/O PORT 2
( SPI )
8
I/O PORT 4
( Ana log Inpu ts )
8
A/ D
CONVERTER
I/O PORT 5
WITH HANDSHAKE
8
MEMORY BUS
REGISTER BUS
VR0B1385
INT0
INT7
AV
DD
AV
SS
8 bit I/O ports. The Core has independentmemory
and register buses allowing a high degree of pipe-
lining to add to the efficiency of the code execution
speed of the extensive instruction set.
The powerful I/O capabilities demanded by micro-
controller applications are fulfilled by the ST90R40
with up to 56 I/O lines dedicated to memory ad-
dressing or digital Input/Output. These lines are
grouped into up to seven 8 bit I/O Ports and can be
configured on a bit basis under software control to
provide timing and status signals, address lines,
timer inputs and outputs, analog inputs, external
interrupts and serial or parallel I/O with or without
handshake.
Three memory spaces are available: Program Mem-
ory (external), Data Memory (internal and external)
and the Register File, which includes the control and
statusregisters of the on-chip peripherals.
Two 16 bit MultiFunction Timers, each with an 8 bit
Prescaler and 13 operating modes allow simple
use for complex waveform generation and meas-
urement, PWM functions and many other system
timing functions by the usage of the two associated
DMA channels for each timer.
®
ST90R40
51/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com