Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 40Page - STMicroelectronics ST9040 Datasheet HTML 41Page - STMicroelectronics ST9040 Datasheet HTML 42Page - STMicroelectronics ST9040 Datasheet HTML 43Page - STMicroelectronics ST9040 Datasheet HTML 44Page - STMicroelectronics ST9040 Datasheet HTML 45Page - STMicroelectronics ST9040 Datasheet HTML 46Page - STMicroelectronics ST9040 Datasheet HTML 47Page - STMicroelectronics ST9040 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
IWPU
Weak Pull-up Current
Bidirectional Weak Pull-
up, VOL =0V
– 50
– 200
– 420
µA
IAPU
Active Pull-up Current,
for INT0 and INT7 only
VIN < 0.8V, under Reset
– 80
– 200
– 420
µA
ILKIO
I/O Pin Input Leakage
Input/Tri-State,
0V < VIN <VDD
–10
+ 10
µA
ILKRS
Reset Pin Input Leakage
0V < VIN <VDD
–30
+ 30
µA
ILKAD
A/D Pin Input Leakage
Alternate Function,
Open Drain,
0V < VIN <VDD
–3
+3
µA
ILKAP
Active Pull-up Input
Leakage
0V < VIN < 0.8V
– 10
+ 10
µA
ILKOS
OSCIN Pin Input Leakage
0V < VIN <VDD
–10
+ 10
µA
VPP
EPROM Programming
Voltage
12.2
12.5
12.8
V
IPP
EPROM Programming
Current
30
mA
DC ELECTRICAL CHARACTERISTICS (continued)
DC TEST CONDITIONS
®
ST90E40 - ST90T40
44/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com