Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 39Page - STMicroelectronics ST9040 Datasheet HTML 40Page - STMicroelectronics ST9040 Datasheet HTML 41Page - STMicroelectronics ST9040 Datasheet HTML 42Page - STMicroelectronics ST9040 Datasheet HTML 43Page - STMicroelectronics ST9040 Datasheet HTML 44Page - STMicroelectronics ST9040 Datasheet HTML 45Page - STMicroelectronics ST9040 Datasheet HTML 46Page - STMicroelectronics ST9040 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 7.0
V
AVDD,AVSS
Analog Supply Voltage
VSS =AVSS <AVDD
≤ VDD
V
VI
Input Voltage
– 0.3 to VDD +0.3
V
VO
Output Voltage
– 0.3 to VDD +0.3
V
VPP
Input Voltage on VPP Pin
-0.3 to 13.5
V
TSTG
Storage Temperature
– 55 to + 150
°C
IINJ
Pin Injection Current Digital
-5 to 5
mA
IINJ
Pin Injection Current Analog
-5 to 5
mA
Maximum accumulated pin injection Current in the device
-50 to 50
mA
Note: Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliability. All voltages are referenced to VSS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
– 40
85
°C
VDD
Operating Supply Voltage
4.5
5.5
V
fOSCE
External Oscillator Frequency
24
MHz
fOSCI
Internal Clock Frequency (INTCLK)
12
MHz
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIHCK
Clock Input High Level
External Clock
0.7 VDD
VDD + 0.3
V
VILCK
Clock Input Low Level
External Clock
– 0.3
0.3 VDD
V
VIH
Input High Level
TTL
2.0
VDD + 0.3
V
CMOS
0.7 VDD
VDD + 0.3
V
VIL
Input Low Level
TTL
– 0.3
0.8
V
CMOS
– 0.3
0.3 VDD
V
VIHRS
RESET Input High Level
0.7 VDD
VDD + 0.3
V
VILRS
RESET Input Low Level
–0.3
0.3 VDD
V
VHYRS
RESET Input Hysteresis
0.3
1.5
V
VOH
Output High Level
Push Pull, Iload = – 0.8mA
VDD – 0.8
V
VOL
Output Low Level
Push Pull or Open Drain,
Iload = 1.6mA
0.4
V
DC ELECTRICAL CHARACTERISTICS
VDD =5V
± 10% TA =– 40°Cto + 85°C, unless otherwise specified)
®
ST90E40 - ST90T40
43/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com