Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 5 Page - STMicroelectronics

  ST9040 Datasheet HTML 1Page - STMicroelectronics ST9040 Datasheet HTML 2Page - STMicroelectronics ST9040 Datasheet HTML 3Page - STMicroelectronics ST9040 Datasheet HTML 4Page - STMicroelectronics ST9040 Datasheet HTML 5Page - STMicroelectronics ST9040 Datasheet HTML 6Page - STMicroelectronics ST9040 Datasheet HTML 7Page - STMicroelectronics ST9040 Datasheet HTML 8Page - STMicroelectronics ST9040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
1.1GENERAL DESCRIPTION
The ST9040 is a ROM member of the ST9 family of
microcontrollers, completely developed and pro-
duced by SGS-THOMSON Microelectronics using
a proprietary n-well HCMOS process.
The ST9040 peripheral and functional actions are
fully compatible throughout the ST903x/4x family.
This datasheet will thus provide only information
specific to this ROM device.
THE READER IS ASKED TO REFER TO THE
DATASHEET OF THE ST9036 ROM-BASED DE-
VICE FOR FURTHER DETAILS.
The nucleus of the ST9040 is the advanced Core
which includes the Central Processing Unit (CPU),
the Register File, a 16 bit Timer/Watchdog with 8
bit Prescaler, a Serial Peripheral Interface support-
ing S-bus, I
2C-bus and IM-bus Interface,plus two 8
bit I/O ports. The Core has independent memory
and register buses allowing a high degree of pipe-
lining to add to the efficiency of the code execution
speed of the extensive instruction set. The power-
ful I/O capabilities demanded by microcontroller
applications are fulfilled by the ST9040 with up to
56 I/O lines dedicated to digital Input/Output.
These lines are grouped into up to seven 8 bit I/O
Ports and can be configured on a bit basis under
software control to provide timing, status signals,
an address/data bus for interfacing external mem-
ory, timer inputs and outputs, analog inputs, exter-
nal interrupts and serial or parallel I/O with or
without handshake.
Three basic memory spaces are available to support
this wide range of configurations: Program Memory
(internal and external), Data Memory (internal and ex-
ternal)andtheRegisterFile, which includesthecontrol
and status registers of theon-chip peripherals.
Two 16 bit MultiFunction Timers, each with an 8 bit
Prescaler and 13 operating modes allow simple
use for complex waveform generation and meas-
urement, PWM functions and many other system
timing functionsby the usage of the two associated
DMA channels for each timer. In addition there is
an 8 channel Analog to Digital Converter with inte-
gral sample and hold, fast 11
µs conversion time
and 8 bit resolution. An Analog Watchdog feature
is included for two input channels.
Completing the device is a full duplex Serial Com-
munications Interface with an integral 110 to
375,000 baud rate generator, asynchronous and
1.5Mbyte/s synchronous capability (fully program-
mable format) and associated address/wake-up
option, plus two DMA channels.
®
ST9040
5/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com