Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 32Page - STMicroelectronics ST9040 Datasheet HTML 33Page - STMicroelectronics ST9040 Datasheet HTML 34Page - STMicroelectronics ST9040 Datasheet HTML 35Page - STMicroelectronics ST9040 Datasheet HTML 36Page - STMicroelectronics ST9040 Datasheet HTML 37Page - STMicroelectronics ST9040 Datasheet HTML 38Page - STMicroelectronics ST9040 Datasheet HTML 39Page - STMicroelectronics ST9040 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Figure 1. 80 Pin QFP Package
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1AVSS
25
P34/T1INA
64
P20/NMI
80
AVDD
2
NC
26
P33/T0OUTB
63
NC
79
NC
3
NC
27
P32/T0INB
62
VSS
78
P47/AIN7
4
P44/AIN4
28
P31/T0OUTA
61
P70/SIN
77
P46/AIN6
5
P57
29
P30/P/D/T0INA
60
P71/SOUT
76
P45/AIN5
6
P56
30
P17/A15
59
P72/INT4/TXCLK
/CLKOUT
75
P43/AIN3
7
P55
31
P16/A14
74
P42/AIN2
8
P54
32
NC
58
P73/INT5
/RXCLK/ADTRG
73
P41/AIN1
9
INT7
33
P15/A13
72
P40/AIN0
10
INT0
34
P14/A12
57
P74/P/D/INT6
71
P27/RRDY5
11
P53
35
P13/A11
56
P75/WAIT
70
P26/INT3
/RDSTB5/P/D
12
NC
36
P12/A10
55
P76/WDOUT
/BUSREQ
13
P52
37
P11/A9
69
P25/WRRDY5
14
P51
38
P10/A8
54
P77/WDIN
/BUSACK
68
P24/INT1
/WRSTB5
15
P50
39
P00/A0/D0
16
OSCOUT
40
P01/A1/D1
53
R/W
67
P23/SDO
17
VSS
52
NC
66
P22/INT2/SCK
18
VSS
51
DS
65
P21/SDI/P/D
19
NC
50
AS
20
OSCIN
49
NC
21
RESET/VPP
48
VDD
22
P37/T1OUTB
47
VDD
23
P36/T1INB
46
P07/A7/D7
24
P35/T1OUTA
45
P06/A6/D6
44
P05/A5/D5
43
P04/A4/D4
42
P03/A3/D3
41
P02/A2/D2
Table 1. ST90E40G-ST90T40QPin Description
®
ST90E40 - ST90T40
36/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com