Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE75 Datasheet HTML 36Page - Analog Devices ADE75 Datasheet HTML 37Page - Analog Devices ADE75 Datasheet HTML 38Page - Analog Devices ADE75 Datasheet HTML 39Page - Analog Devices ADE75 Datasheet HTML 40Page - Analog Devices ADE75 Datasheet HTML 41Page - Analog Devices ADE75 Datasheet HTML 42Page - Analog Devices ADE75 Datasheet HTML 43Page - Analog Devices ADE75 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 40 of 148
[1:0]
00
No-load detection disabled
01
No-load enabled with threshold = 0.015% of Full scale
10
No-load enabled with threshold = 0.0075% of Full scale
11
No-load enabled with threshold = 0.0037% of Full scale
Table 33. ACCMODE register (0x0F)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
ICHANNEL7
0
This bit indicate the current channel used to measure energy in anti-
tampering mode.
0 – Channel A
1 – Channel B
6
FAULTSIGN1
0
Configuration bit to select event that will trigger a Fault interrupt
0 – FAULT interrupt occurs when part enters Fault Mode
1 – FAULT interrupt occurs when part enters Normal Mode
5
VARSIGN8
0
Configuration bit to select event that will trigger an reactive power sign
interrupt
0 – VARSIGN interrupt occurs when reactive power changes from positive
to negative
1 - VARSIGN interrupt occurs when reactive power changes from negative
to positive
4
APSIGN
0
Configuration bit to select event that will trigger an active power sign
interrupt
0 – APSIGN interrupt occurs when active power changes from positive to
negative
1 - APSIGN interrupt occurs when active power changes from negative to
positive
3
ABSVARM2
0
Logic one enables absolute value accumulation of Reactive power in
energy register and pulse output
2
SAVARM2
0
Logic one enables reactive power accumulation depending on the sign of
the active power:
If Active Power is positive, VAR is accumulated as it is;
If Active Power is negative, the sign of the VAR is reversed for the
accumulation.
This accumulation mode affects both the VAR registers and the VARCF
output.
1
POAM
0
Logic one enables positive only accumulation of Active power in energy
register and pulse output
0
ABSAM
0
Logic one enables absolute value accumulation of Active power in energy
register and pulse output
Table 34. GAIN register (0x1B)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7 - 5
PGA2[2:0]
0
These bits define the voltage channel input gain
[2:0]
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
7 This function is not available in ADE7566 and ADE7569 products.
8This function is not available in ADE7566 and ADE7166 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com