Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 92 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADE75 Datasheet HTML 88Page - Analog Devices ADE75 Datasheet HTML 89Page - Analog Devices ADE75 Datasheet HTML 90Page - Analog Devices ADE75 Datasheet HTML 91Page - Analog Devices ADE75 Datasheet HTML 92Page - Analog Devices ADE75 Datasheet HTML 93Page - Analog Devices ADE75 Datasheet HTML 94Page - Analog Devices ADE75 Datasheet HTML 95Page - Analog Devices ADE75 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 92 of 148
necessary so that the WDCON SFR is protected from code execution upsets that
might unintentionally modify this SFR. Interrupts should be disabled during this
operation due to the consecutive instruction cycles.
e.g. Disable Watch dog
CLR EA
SETB WDWR
CLR WDE
SETB EA
Table 72. WatchDog and Flash protection byte in Flash (Flash Address = 0x3FFA)
Bit
Location
Bit
Name
Default Value
Description
7
WDPROT_PROTKY7
1
This bit holds the protection for the Watchdog timer and the 7th bit of
the Flash protection key.
When this bit is cleared, the watchdog enable and event, selected by
WDE and WDIR cannot be changed by user code. The watchdog
configuration is then fixed to WDIR=0 and WDE=1. The watchdog
timeout in PRE[3:0] can still be modified by user code.
The value of this bit is also used to set the Flash protection key. If this
bit is cleared to protect the watchdog, then the default value for the
Flash protection key is 0x7F instead of 0xFF—see the Protecting the
Flash section for more information on how to clear this bit.
7-0
PROTKY[7:0]
0xFF
These bits hold the flash protection key. The content of this Flash
address is compared to the Flash Protection Key SFR (PROTKY, 0xBB)
when the protection is being set or changed. If the two values match,
the new protection is written to the Flash addresses 0x3FFF to 0x3FFB.
see the Protecting the Flash section for more information on how to
configure these bits.
Watchdog Timer Interrupt
If the watchdog timer is not cleared within the watchdog
timeout period, a system reset will occur unless the watchdog
timer interrupt is enabled. The watchdog timer interrupt enable
bit is located in the WatchDog Timer SFR (WDCON, 0xC0).
Enabling the watchdog timer interrupt allows the program to
examine the stack or other variables that could have led the
program astray. The watchdog timer interrupt also allows the
watchdog to be used as a long interval timer.
Note that the Watchdog Timer Interrupt is automatically
configured as a high priority interrupt. This interrupt cannot be
disabled by the EA bit in the IE register. Even if all of the other
interrupts are disabled, the watchdog is kept active to watch
over the program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com