Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE75 Datasheet HTML 21Page - Analog Devices ADE75 Datasheet HTML 22Page - Analog Devices ADE75 Datasheet HTML 23Page - Analog Devices ADE75 Datasheet HTML 24Page - Analog Devices ADE75 Datasheet HTML 25Page - Analog Devices ADE75 Datasheet HTML 26Page - Analog Devices ADE75 Datasheet HTML 27Page - Analog Devices ADE75 Datasheet HTML 28Page - Analog Devices ADE75 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 25 of 148
0
1
RX with wakeup disabled
1
1
RX with wakeup enabled
Table 16. Power Management Interrupt Enable SFR (IPSME, 0xEC)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
EPSR
0
Enables a PSM interrupt when the Power Supply Restored flag is set.
6
RESERVED
0
Reserved
5
ESAG
0
Enables a PSM interrupt when the voltage sag flag (FSAG) is set.
4
RESERVED
0
This bit must be kept cleared for proper operation
3
EVADC
0
Enables a PSM interrupt when the VDCIN ADC flag (FVADC) is set.
2
EBAT
0
Enables a PSM interrupt when the VBAT monitor flag (FBAT) is set.
1
EBSO
0
Enables a PSM interrupt when the Battery Switchover flag (FBSO) is set.
0
EVDCIN
0
Enables a PSM interrupt when the VDCIN monitor flag (FVDCIN) is set.
Table 17. Scratch Pad 1 SFR (SCRATCH1, 0xFB)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SCRATCH1
0
Value can be written/read in this register. This value will be maintained in all the power
saving modes of the ADE75xx/ADE71xx
Table 18. Scratch Pad 2 SFR (SCRATCH2, 0xFC)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SCRATCH2
0
Value can be written/read in this register. This value will be maintained in all the power
saving modes of the ADE75xx/ADE71xx
Table 19. Scratch Pad 3 SFR (SCRATCH3, 0xFD)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SCRATCH3
0
Value can be written/read in this register. This value will be maintained in all the power
saving modes of the ADE75xx/ADE71xx
Table 20. Scratch Pad 4 SFR (SCRATCH4, 0xFE)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
SCRATCH4
0
Value can be written/read in this register. This value will be maintained in all the power
saving modes of the ADE75xx/ADE71xx
Table 21. Key SFR (KYREG, 0xC1)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
KYREG
0
Write 0xA7 to the KYREG SFR before writing the POWCON SFR, to unlock it
Write 0xEA to the KYREG SFR before writing to the HTHSEC, SEC, MIN, or
HOUR timekeeping register to unlock it..
Table 22. Power Control SFR (POWCON, 0xC5)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
RESERVED
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com