Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 90 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADE75 Datasheet HTML 86Page - Analog Devices ADE75 Datasheet HTML 87Page - Analog Devices ADE75 Datasheet HTML 88Page - Analog Devices ADE75 Datasheet HTML 89Page - Analog Devices ADE75 Datasheet HTML 90Page - Analog Devices ADE75 Datasheet HTML 91Page - Analog Devices ADE75 Datasheet HTML 92Page - Analog Devices ADE75 Datasheet HTML 93Page - Analog Devices ADE75 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 90 of 148
Figure 62: Interrupt System Functional Block Diagram
INTERRUPT VECTORS
When an interrupt occurs, the program counter is pushed onto
the stack, and the corresponding interrupt vector address is
loaded into the program counter. When the interrupt service
routine has been completed, the program counter is popped off
the stack by a RETI instruction. This allows program execution
to resume from where it was interrupted. The interrupt vector
addresses are shown in Table 70.
Table 70. Interrupt Vector Addresses
Source
Vector Address
IE0
0x0003
TF0
0x000B
IE1
0x0013
TF1
0x001B
RI + TI
0x0023
TF2 + EXF2
0x002B
ITEMP (Temperature ADC)
0x0033
ISPI/I2CI
0x003B
IPSM (Power Supply)
0x0043
IADE (Energy Measurement DSP)
0x004B
IRTC
0x0053
WDT (Watchdog Timer)
0x005B
INTERRUPT LATENCY
The 8051 architecture requires that at least one instruction
executes between interrupts. To ensure this, the 8051 MCU core
hardware prevents the program counter from jumping to an ISR
immediately after completing a RETI instruction or an access of
the IP and IE registers.
The shortest interrupt latency is 3.25 instruction cycles, 800ns
with a clock of 4.096MHz. The longest interrupt latency for a
high priority interrupt results when a pending interrupt is
generated during a low priority interrupt RETI, followed by a
multiply instruction. This results in a maximum interrupt
latency of 16.25 instruction cycles, 4us with a clock of
4.096MHz.
CONTEXT SAVING
When the 8052 vectors to an interrupt, only the program
counter is saved on the stack. Therefore the interrupt service
routine must be written to ensure that registers that are used in
the main program are restored to their pre-interrupt state.
Common registers that may be modified in the ISR are the
accumulator, and the PSW register. Any general purpose
registers that are used as scratchpads in the ISR should also be
restored before exiting the interrupt. The example 8051 code
shown below shows how to restore some commonly used
registers:
GeneralISR:
; save the current Accumulator value
PUSH
ACC
; save the current status and register bank selection
PUSH
PSW
; service interrupt
…
; restore the status and register bank selection
POP
PSW
; restore the accumulator
POP
ACC
RETI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com