Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE75 Datasheet HTML 24Page - Analog Devices ADE75 Datasheet HTML 25Page - Analog Devices ADE75 Datasheet HTML 26Page - Analog Devices ADE75 Datasheet HTML 27Page - Analog Devices ADE75 Datasheet HTML 28Page - Analog Devices ADE75 Datasheet HTML 29Page - Analog Devices ADE75 Datasheet HTML 30Page - Analog Devices ADE75 Datasheet HTML 31Page - Analog Devices ADE75 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 28 of 148
Battery Switchover and Power Supply Restored
PSM Interrupt
The ADE75XX/ADE71XX can be configured to generate a PSM
interrupt when the source of VSW changes from VDD to VBAT,
indicating battery switchover. Setting the EBSO bit in the
Power Management Interrupt Enable SFR (IPSME, 0xEC)
enables this event to generate a PSM interrupt.
The ADE75XX/ADE71XX can also be configured to generate
an interrupt when the source of VSW changes from VBAT to VDD,
indicating that the VDD power supply has been restored. This
event is enabled to generate a PSM interrupt by setting the
EPSR bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC).
The flags in the Power Management Interrupt Flag SFR (IPSMF,
0xF8) for these interrupts, BSOF and PSRF are set regardless of
whether the respective enable bits have been set. The battery
switchover and power supply restore event flags, BSOF and
PSRF, are latched. These events must be cleared by writing a
zero to these bits. Bit 6 in the Peripheral Configuration SFR
(PERIPH, 0xF4), VSWSOURCE, tracks the source of VSW. The
bit is set when VSW is connected to VDD and cleared when VSW is
connected to VBAT.
VDCIN ADC PSM Interrupt
The ADE75XX/ADE71XX can be configured to generate a PSM
interrupt when VDCIN changes magnitude by more than a
configurable threshold. This threshold is set in the Temperature
and Voltage ADC Delta SFR (DIFFPROG, 0xF3) –see External
Voltage Measurement section. Setting the EVADC bit in the
Power Management Interrupt Enable SFR (IPSME, 0xEC)
enables this event to generate a PSM interrupt.
The VDCIN voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to
check the change in VDCIN. Conversions can also be initiated by
writing to the Start ADC Measurement SFR (ADCGO, 0xD8).
The FVADC flag will indicate that a VDCIN measurement is ready.
See the External Voltage Measurement section for details on
how VDCIN is measured.
VBAT Monitor PSM Interrupt
The VBAT voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to
check the change in VBAT. The BATTF bit is set when the battery
level is lower than the threshold set in the Battery detection
threshold SFR (BATVTH, 0xFA) or when a new measurement is
ready in the Battery ADC value SFR (BATADC, 0xDF) - see
Battery measurement section. Setting the EBATT bit in the
Power Management Interrupt Enable SFR (IPSME, 0xEC)
enables this event to generate a PSM interrupt.
VDCIN Monitor PSM Interrupt
The VDCIN voltage is monitored by a comparator. The FVDC bit
in the Power Management Interrupt Flag SFR (IPSMF, 0xF8) is
set when the VDCIN input level is lower than 1.2 V. Setting the
EVDCIN bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.
This event associated with the SAG monitoring can be used to
detect a power supply - VDD - being compromised and trigger
further actions prior to decide a switch of VDD to VBAT .
SAG Monitor PSM Interrupt
The ADE75XX/ADE71XX energy measurement DSP monitors
the ac voltage input at the VP and VN input pins. The SAGLVL
register is used to set the threshold for a line voltage sag event.
The SAGF bit in the Power Management Interrupt Flag SFR
(IPSMF, 0xF8) is set if the line voltage stays below the level set
in the SAGLVL register for the number of line cycles set in the
SAGCYC register, - see Line Voltage Sag Detection section.
Setting the ESAG bit in the Power Management Interrupt
Enable SFR (IPSME, 0xEC) enables this event to generate a PSM
interrupt.
USING THE POWER SUPPLY FEATURES
In an energy meter application, VDD, the 3.3V power supply, is
typically generated from the ac line voltage and regulated to
3.3V by a voltage regulator IC. The pre-regulated DC voltage,
typically 5V to 12V, can be connected to VDCIN through a resistor
divider. A 3.6V battery can be connected to VBAT. Figure 11
shows how the ADE75XX/ADE71XX power supply inputs
would be set up in this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com