Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE75 Datasheet HTML 95Page - Analog Devices ADE75 Datasheet HTML 96Page - Analog Devices ADE75 Datasheet HTML 97Page - Analog Devices ADE75 Datasheet HTML 98Page - Analog Devices ADE75 Datasheet HTML 99Page - Analog Devices ADE75 Datasheet HTML 100Page - Analog Devices ADE75 Datasheet HTML 101Page - Analog Devices ADE75 Datasheet HTML 102Page - Analog Devices ADE75 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 99 of 148
09h
FP19
FP19
FP19
FP19
FP18
FP18
FP18
FP18
08h
FP17
FP17
FP17
FP17
FP16
FP16
FP16
FP16
07h
FP15
FP15
FP15
FP15
FP14
FP14
FP14
FP14
06h
FP13
FP13
FP13
FP13
FP12
FP12
FP12
FP12
05h
FP11
FP11
FP11
FP11
FP10
FP10
FP10
FP10
04h
FP9
FP9
FP9
FP9
FP8
FP8
FP8
FP8
03h
FP7
FP7
FP7
FP7
FP6
FP6
FP6
FP6
02h
FP5
FP5
FP5
FP5
FP4
FP4
FP4
FP4
01h
FP3
FP3
FP3
FP3
FP2
FP2
FP2
FP2
00h
FP1
FP1
FP1
FP1
FP0
FP0
FP0
FP0
COM# designates the common lines
FP# designates the segment lines
The LCD data memory is accessed indirectly through the LCD
Pointer SFR (LCDPTR, 0xAC)and Table 83. LCD Data SFR
(LCDDAT, 0xAE). Moving a value to the LCD Pointer SFR
(LCDPTR, 0xAC) selects the LCD data byte to be accessed and
initiates a read or write operation—see Table 82.
Writing to LCD Data registers
To update the LCD data memory, first set the LSB of the LCD
Configuration Y SFR (LCDCONY, 0xB1) to freeze the data
being displayed on the LCD while updating it. Then, move the
data to the LCD Data SFR (LCDDAT, 0xAE) prior to accessing
the LCD Pointer SFR (LCDPTR, 0xAC). When the MSB of the
LCD Pointer SFR (LCDPTR, 0xAC) is set, the content of the
LCD Data SFR (LCDDAT, 0xAE) is transferred to the internal
LCD data memory designated by the address in the LCD
Pointer SFR (LCDPTR, 0xAC). Clear the LSB of the LCD
Configuration Y SFR (LCDCONY, 0xB1) when all of the data
memory has been updated to allow to use the new LCD set up
for display.
Sample 8052 code to update the segments attached to pins FP10
and FP11 on is shown below:
ORL
LCDCONY,#01h
; start updating the data
MOV
LCDDATA,#FFh
MOV
LCDPTR,#80h OR 05h
ANL
LCDCONY,#0FEh ; update finished
Reading LCD Data registers
When the MSB of the LCD Pointer SFR (LCDPTR, 0xAC) is
cleared, the content of the LCD Data memory address
designated by LCDPTR are transferred to the LCD Data SFR
(LCDDAT, 0xAE).
Sample 8052 code to read the contents of LCD data memory
address 07h, which holds the on and off state of the segments
attached to FP14 and FP15, is shown below:
MOV
LCDPTR,#NOT 80h AND 07h
MOV
R1, LCDDATA
VOLTAGE GENERATION
The ADE75XX/ADE71XX provides two ways to generate the
LCD waveform voltage levels. The on-chip charge pump option
can generate 5V. This makes it possible to use 5V LCDs with the
3.3V ADE75XX/ADE71XX. There is also an option to use an
external resistor ladder with a 3.3V LCD. The EXTRES bit in
the LCD Configuration X SFR (LCDCONX, 0x9C) selects the
resistor ladder or charge pump option.
When selecting how to generate the LCD waveform voltages,
the following should be considered:
Power Consumption
Contrast Control
Lifetime Performance
Power Consumption
In most LCDs, a high amount of current is required when the
LCD waveforms change state. The external resistor ladder
option draws a constant amount of current whereas the charge
pump circuitry allows dynamic current consumption. If the
LCD module is used with the internal charge pump option,
when the display is disabled, the voltage generation is disabled,
so that no power is consumed by the LCD function. This feature
will result in significant power savings if the display is turned
off in battery operation.
Contrast control
The electrical characteristics of the liquid in the LCD change
over temperature, requiring adjustments in the LCD waveform
voltages to ensure a readable display. An added benefit of the
internal charge pump voltage generation is a configurable bias
voltage that can be compensated over temperature to maintain
contrast on the LCD. These compensations can be performed
based on the ADE75XX/ADE71XX temperature
measurements—see the Temperature, Battery and External
Voltage Measurements section. This dynamic contrast control is
not easily implemented with external resistor ladder voltage
generation.
The LCD bias voltage sets the contrast of the display when the
charge-pump provides the LCD waveform voltages. The
ADE75XX/ADE71XX provides 64 bias levels selectable using
the BLVL bits in the LCD Configuration X SFR (LCDCONX,
0x9C). The voltage level on LCDVA, LCDVB and LCDVC
depend on the the Interntal voltage reference value (Vref),
BLVL[5:0] selection and the biasing selected as described in
Table 76.
Lifetime Performance
DC offset on a segment will degrade its performance over time.
The voltages generated through the internal charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com