Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 95 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADE75 Datasheet HTML 91Page - Analog Devices ADE75 Datasheet HTML 92Page - Analog Devices ADE75 Datasheet HTML 93Page - Analog Devices ADE75 Datasheet HTML 94Page - Analog Devices ADE75 Datasheet HTML 95Page - Analog Devices ADE75 Datasheet HTML 96Page - Analog Devices ADE75 Datasheet HTML 97Page - Analog Devices ADE75 Datasheet HTML 98Page - Analog Devices ADE75 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 95 of 148
Table 78. LCD Clock SFR (LCDCLK, 0x96)
Bit
Location
Bit
Mnemonic
Default
Value
Description
Blink Mode Clock Source Configuration bits
BLKMOD[1:0]
0
0
The blink rate is controlled by software. The display is OFF.
0
1
The blink rate is controlled by software. The display is ON.
1
0
The blink rate is 2 Hz
7-6
BLKMOD[1:0]
0
1
1
The blink rate is set by BLKFREQ[1:0]
Blink Rate Configuration bits
These bits control LCD blink rate if BLKMOD[1:0]=11
BLKFREQ[1:
0]
Blink rate (Hz)
0
0
1
0
1
1/2
1
0
1/3
5-4
BLKFREQ[1:0]
0
1
1
1/4
3-0
FD[3:0]
0
LCD Frame Rate Selection bits. See Table 79 and Table 80.
Table 79. LCD frame rate selection for fLCDCLK=2048Hz (LCDCON[3]=0)
2x multiplexing
3x multiplexing
4x multiplexing
FD3
FD2
FD1
FD0
fLCD(Hz)
Frame Rate (Hz)
fLCD(Hz)
Frame Rate (Hz)
fLCD(Hz)
Frame Rate (Hz)
0
0
0
1
256
128
512
170.7
512
128
0
0
1
0
170.7
85.3
341.3
113.8
341.3
85.3
0
0
1
1
128
64
256
85.3
256
64
0
1
0
0
102.4
51.2
204.8
68.3
204.8
51.2
0
1
0
1
85.3
42.7
170.7
56.9
170.7
42.7
0
1
1
0
73.1
36.6
146.3
48.8
146.3
36.6
0
1
1
1
64
32
128
42.7
128
32
1
0
0
0
56.9
28.5
113.8
37.9
113.8
28.5
1
0
0
1
51.2
25.6
102.4
34.1
102.4
25.6
1
0
1
0
46.5
23.25
93.1
31
93.1
23.25
1
0
1
1
42.7
21.35
85.3
28.4
85.3
21.35
1
1
0
0
39.4
19.7
78.8
26.3
78.8
19.7
1
1
0
1
36.6
18.3
73.1
24.4
73.1
18.3
1
1
1
0
34.1
17.05
68.3
22.8
68.3
17.05
1
1
1
1
32
16
64
21.3
64
16
0
0
0
0
16
8
32
10.7
32
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com