Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE75 Datasheet HTML 51Page - Analog Devices ADE75 Datasheet HTML 52Page - Analog Devices ADE75 Datasheet HTML 53Page - Analog Devices ADE75 Datasheet HTML 54Page - Analog Devices ADE75 Datasheet HTML 55Page - Analog Devices ADE75 Datasheet HTML 56Page - Analog Devices ADE75 Datasheet HTML 57Page - Analog Devices ADE75 Datasheet HTML 58Page - Analog Devices ADE75 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 55 of 148
When APSIGN in the ACCMODE register (0x0F) is set, the
APSIGN flag in the Interrupt Status Register 1 SFR (MIRQSTL,
0xDC) will be set when a transition from negative to positive
active power has occurred.
Active power no-Load detection
The ADE75XX/ADE71XX includes a no-load threshold feature
on the active energy that eliminates any creep effects in the
meter. The ADE75XX/ADE71XX accomplishes this by not
accumulating energy if the multiplier output is below the no-
load threshold. When the active power is below the no-load
threshold, the APNOLOAD flag in the Interrupt Status Register
1 SFR (MIRQSTL, 0xDC) is set. If the APNOLOAD bit is set in
the Interrupt Enable Register 1 SFR (MIRQENL, 0xD9), the
8052 core has a pending ADE interrupt. The ADE interrupt
stays active until the APNOLOAD status bit is cleared—see
Energy measurement interrupts section.
The No-load threshold level is selectable by setting bits
APNOLOAD in the NLMODE register (0x0E). Setting these
bits to 0b00 disable the no-load detection and setting them to
0b01, 0b10 or 0b11 set the no-load detection threshold to
0.015%, 0.0075% and 0.0037% of the full-scale output frequency
of the multiplier respectively. The IEC62053-21 specification,
states that the meter must start up with a load equal to or less
than 0.4% Ib. If the nominal voltage input and the maximum
current represent 50% of the full scale ADC input and Imax =
400% of Ib, the ADE75XX/ADE71XX no-load threshold
options translate to 0.24% of Ib, 0.12% of Ib and 0.06% of Ib
respectively.
WGAIN[11:0]
WDIV[7:0]
LPF2
CURRENT
CHANNEL
VOLTAGE
CHANNEL
TIME (nT)
5
CLKIN
T
ACTIVE POWER
SIGNAL
+
+
WATTHR[23:0]
OUTPUTS FROM THE LPF2 ARE
ACCUMULATED (INTEGRATED) IN
THE INTERNAL ACTIVE ENERGY REGISTER
UPPER 24 BITS ARE
ACCESSIBLE THROUGH
WATTHR[23:0] REGISTER
23
0
48
0
WAVEFORM
REGISTER
VALUES
%
WATTOS[15:0]
26
sgn
25
2-6 2-7 2-8
+
+
FOR WAVEF0RM
SAMPLING
TO
DIGITAL TO FREQUENCY
CONVERTER
Figure 39. ADE75XX/ADE71XX Active Energy Calculation
Active Energy Calculation
As stated earlier, power is defined as the rate of energy flow.
This relationship can be expressed mathematically in Equation 12.
dt
dE
P
=
(12)
where:
P is power.
E is energy.
Conversely, energy is given as the integral of power.
= Pdt
E
(13)
The ADE75XX/ADE71XX achieves the integration of the active
power signal by continuously accumulating the active power
signal in an internal non-readable 49-bit energy register. The
active energy register (WATTHR[23:0]) represents the upper 24
bits of this internal register. This discrete time accumulation or
summation is equivalent to integration in continuous time.
Equation 14 expresses the relationship.
0
1
()
(
)
t
n
E
p t dt
Lim
p nT
T
=
⎧⎫
==
×
⎨⎬
(14)
where:
n is the discrete time sample number.
T is the sample period.
The discrete time sample period (T) for the accumulation
register in the ADE75XX/ADE71XX is 1.22μs (5/MCLK). As



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com