Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE75 Datasheet HTML 8Page - Analog Devices ADE75 Datasheet HTML 9Page - Analog Devices ADE75 Datasheet HTML 10Page - Analog Devices ADE75 Datasheet HTML 11Page - Analog Devices ADE75 Datasheet HTML 12Page - Analog Devices ADE75 Datasheet HTML 13Page - Analog Devices ADE75 Datasheet HTML 14Page - Analog Devices ADE75 Datasheet HTML 15Page - Analog Devices ADE75 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 12 of 148
Table 3. I2C COMPATIBLE INTERFACE TIMING Parameter
Parameter
Min
Max
Unit
tL
SCLOCK Low Pulse Width
1.95
μs
tH
SCLOCK High Pulse Width
1.95
μs
tSHD
Start Condition Hold Time
TBD
μs
tDSU
Data Setup Time
TBD
μs
tDHD
Data Hold Time
TBD
μs
tRSU
Setup Time for Repeated Start
TBD
μs
tPSU
Stop Condition Setup Time
TBD
μs
tBUF
Bus Free Time between a Stop Condition and a Start Condition
TBD
μs
tR
Rise Time of Both SCLOCK and SDATA
300
ns
tF
Fall Time of Both SCLOCK and SDATA
300
ns
tSUP1
Pulse Width of Spike Suppressed
50
ns
____________________________________________
1 Input filtering on both the SCLOCK and SDATA inputs suppresses noise spikes less than 50 ns.
MSB
tBUF
SDATA (I/O)
SCLK (I)
STOP
CONDITION
START
CONDITION
REPEATED
START
LSB
ACK
MSB
1
2-7
8
9
1
S(R)
PS
tPSU
tDSU
tSHD
tDHD
tSUP
tDSU
tDHD
tH
tSUP
tL
tRSU
tR
tR
tF
tF
Figure 3. I2C Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com