Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE75 Datasheet HTML 28Page - Analog Devices ADE75 Datasheet HTML 29Page - Analog Devices ADE75 Datasheet HTML 30Page - Analog Devices ADE75 Datasheet HTML 31Page - Analog Devices ADE75 Datasheet HTML 32Page - Analog Devices ADE75 Datasheet HTML 33Page - Analog Devices ADE75 Datasheet HTML 34Page - Analog Devices ADE75 Datasheet HTML 35Page - Analog Devices ADE75 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 32 of 148
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0, normal operating mode, VSW is connected to VDD. All
of the analog and digital circuitries powered by VINTD and VINTA
are enabled by default. The default clock frequency for PSM0,
Fcore, established during a power-on-reset or software reset, is
TBD MHz.
PSM1 (BATTERY MODE)
In PSM1, VSW is connected to VBAT. In this operating mode, the
8052 core and all of the digital circuitry are enabled by default.
The analog circuitry for the ADE energy metering DSP
powered by VINTA is disabled. This analog circuitry will
automatically start up again once the VDD supply is above TBD
V if the PWRDN bit in the MODE1 register (0x0B) is cleared.
The default Fcore for PSM1, established during a power-on-reset
or software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 is a low power consumption sleep mode for use in battery
operation. In this mode, VSW is connected to VBAT. All of the
2.5V digital and analog circuitry powered through VINTA and
VINTD is disabled, including the MCU core, resulting in the
following:
1.
The RAM in the MCU is no longer valid.
2.
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5V supply is shut
down. Therefore, the program will not resume from where
it left off but will always start from the power on reset
vector when the ADE75XX/ADE71XX comes out of PSM2.
The 3.3V peripherals Temperature ADC, VBAT ADC, VDCIN ADC,
RTC and LCD are active in PSM2. They can be enabled or
disabled to reduce power consumption and are configured for
PSM2 operation when the MCU core is active—see the
individual peripherals for more information on their PSM2
configuration. The ADE75XX/ADE71XX remains in PSM2
until an event occurs to wake it up.
In PSM2, the ADE75XX/ADE71XX provides 4 scratch pad
RAM SFR that are maintained during this mode. These SFRs
can be used to save data from PSM0 or PSM1 modes when
entering PSM2 modes - see Table 16 to Table 20.
In PSM2, the ADE75XX/ADE71XX maintains some SFRs – see
Table 24. The SFRs that are not listed in this table should be
restored when the part enters PSM0 or PSM1 frm PSM2 mode.
Table 24. SFR maintained in PSM2
I/O configuration
Power Supply monitoring
Interrupt pins configuration SFR
(INTPR, 0xFF)
Peripheral Configuration SFR
(PERIPH, 0xF4)
Port 0 Weak pull-up enable SFR
(PINMAP0, 0xB2)
Port 1 Weak pull-up enable SFR
(PINMAP1, 0xB3)
Port 2 Weak pull-up enable SFR
(PINMAP2, 0xB4)
Scratch Pad 1 SFR (SCRATCH1,
0xFB)
Scratch Pad 2 SFR (SCRATCH2,
0xFC)
Scratch Pad 3 SFR (SCRATCH3,
0xFD)
Scratch Pad 4 SFR (SCRATCH4,
0xFE)
Battery detection threshold SFR
(BATVTH, 0xFA)
Battery Switchover
Configuration SFR (BATPR,
0xF5)
Battery ADC value SFR
(BATADC, 0xDF)
Peripheral ADC Strobe Period
SFR (STRBPER, 0xF9)
Temperature and Voltage ADC
Delta SFR (DIFFPROG, 0xF3)
VDCIN ADC value SFR
(VDCINADC, 0xEF)
Temperature ADC value SFR
(TEMPADC, 0xD7)
Peripherals – RTC
Peripherals - LCD
RTC Nominal Compensation
SFR (RTCCOMP, 0xF6)
RTC Temperature
Compensation SFR (TEMPCAL,
0xF7)
RTC Configuration SFR
(TIMECON, 0xA1)
Hundredths of a Second
Counter SFR (HTHSEC, 0xA2)
Seconds Counter SFR (SEC,
0xA3)
Minutes Counter SFR (MIN,
0xA4)
Hours Counter SFR (HOUR,
0xA5)
Alarm Interval SFR (INTVAL,
0xA6)
LCD Segment Enable 2 SFR
(LCDSEGE2, 0xED)
LCD Configuration Y SFR
(LCDCONY, 0xB1)
LCD Configuration X SFR
(LCDCONX, 0x9C)
LCD Configuration SFR
(LCDCON, 0x95)
LCD Clock SFR (LCDCLK,
0x96)
LCD Segment Enable SFR
(LCDSEGE, 0x97)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com