Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 48 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE75 Datasheet HTML 44Page - Analog Devices ADE75 Datasheet HTML 45Page - Analog Devices ADE75 Datasheet HTML 46Page - Analog Devices ADE75 Datasheet HTML 47Page - Analog Devices ADE75 Datasheet HTML 48Page - Analog Devices ADE75 Datasheet HTML 49Page - Analog Devices ADE75 Datasheet HTML 50Page - Analog Devices ADE75 Datasheet HTML 51Page - Analog Devices ADE75 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 48 of 148
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
02875-0-035
Figure 24. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a
conductor loop generate an electromotive force (EMF) between
the two ends of the loop. The EMF is a voltage signal, which is
proportional to the di/dt of the current. The voltage output
from the di/dt current sensor is determined by the mutual
inductance between the current-carrying conductor and the
di/dt sensor. The current signal needs to be recovered from the
di/dt signal before it can be used. An integrator is therefore
necessary to restore the signal to its original form. The
ADE75xx/ADE71xx has a built-in digital integrator to recover
the current signal from the di/dt sensor. The digital integrator
on the Current Channel is switched off by default when the
ADE75xx/ADE71xx is powered up. Setting INTE bit in the
MODE1 register (0x0B) turns on the integrator. Figure 25 to
Figure 28 show the magnitude and phase response of the digital
integrator.
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
102
103
02875-0-036
Figure 25. Combined Gain Response of the
Digital Integrator and Phase Compensator
FREQUENCY (Hz)
102
103
02875-0-037
FREQ
–88.0
–88.5
–89.0
–89.5
–90.0
–90.5
Figure 26. Combined Phase Response of the
Digital Integrator and Phase Compensator
FREQUENCY (Hz)
–1.0
–6.0
40
70
45
50
55
60
65
–1.5
–2.0
–2.5
–3.5
–4.5
–5.5
–3.0
–4.0
–5.0
02875-0-038
Figure 27. Combined Gain Response of the
Digital Integrator and Phase Compensator (40 Hz to 70 Hz)
–89.75
–89.80
–89.85
–89.90
–89.95
–90.00
FREQUENCY (Hz)
40
45
70
50
55
60
65
–90.05
–89.70
02875-0-039
Figure 28. Combined Phase Response of the
Digital Integrator and Phase Compensator (40 Hz to 70 Hz)
Note that the integrator has a –20 dB/dec attenuation and an
approximately –90° phase shift. When combined with a di/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com