Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE75 Datasheet HTML 31Page - Analog Devices ADE75 Datasheet HTML 32Page - Analog Devices ADE75 Datasheet HTML 33Page - Analog Devices ADE75 Datasheet HTML 34Page - Analog Devices ADE75 Datasheet HTML 35Page - Analog Devices ADE75 Datasheet HTML 36Page - Analog Devices ADE75 Datasheet HTML 37Page - Analog Devices ADE75 Datasheet HTML 38Page - Analog Devices ADE75 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 35 of 148
ENERGY MEASUREMENT
The ADE75xx/ADE71xx provides a fixed function energy
measurement Digital Processing core that provides all the
information needed to measure energy in a single phase energy
meters. The ADE75xx/ADE71xx provides two ways to access
the energy measurements: Direct access through SFR for time
sensitive information and indirect access through address and
data SFR registers for the majority of the energy measurements.
The IRMS, VRMS, interrupts and waveform registers are readily
available through SFRs as shown in Table 26. Other energy
measurement information is mapped to a page of memory that
is accessed indirectly through. The address and data registers
act as pointers to the energy measurement internal registers.
ACCESS TO ENERGY MEASUREMENT SFR
Access to the energy measurement SFRs is achieved by reading
or writing to the SFR addresses detailed in Table 27. The
internal data for the MIRQx SFRs are latched byte by byte into
the SFR when the SFR is read.
The WAV1x, WAV2x, VRMSx and IRMSx registers are all 3
bytes SFRs. The 24-bit data is latched into these SFRs when the
High byte is read. Reading the Low or Medium byte before the
High byte results in reading the date from the previous latched
sample.
Sample 8051 code to read the VRMS register is shown below:
MOV
R1, VRMSH //latches data in VrmsH, VrmsM and
VrmsL SFR
MOV
R2, VRMSM
MOV
R3, VRMSL
ACCESS TO INTERNAL ENERGY MEASUREMENT
REGISTERS
Access to the internal energy measurement registers is achieved
by writing to the Energy Measurement pointer address (SFR
address 91h). The MADDPT register selects the energy
measurement register to be accessed and determines if a read or
a write is performed—see Table 26.
Table 26. Energy Measurement pointer address SFR
(MADDPT, 0x91)
Bit
7
6
5
4
3
2
1
0
Description
1: Write
0: Read
Energy Measurement internal
register address
Writing to Internal energy measurement
registers
When bit7 of MADDPT SFR is set, the content of the MDATA
SFRs (MDATL, MDATM and MDATH) is transferred to the
internal energy measurement register designated by the address
in MADDPT SFR. If the internal register is one byte long, only
MDATL SFR content is copied to the internal register while
MDATM and MDATH SFR contents are ignored.
The energy measurement core functions with an internal clock
of 4.096 MHz/5 or 819.2 kHz. As the 8052 core functions with
another clock, 4.096MHz / 2CD, synchronization between the
two clock environments when CD = 0 or 1 is an issue. When
data is written to the internal energy measurement a small wait
period need to be implemented before another read or write to
these registers is implemented.
Sample 8051 code to write 0x0155 to the two bytes SAGLVL
register, located at 14h in the energy measurement memory
space is shown below:
MOV
MDATM,#01h
MOV
MDATL,#55h
MOV
MADDPT,#SAGLVL_W (address 0x94)
MOV
A, #05h
DJNZ
ACC, $
;Next Write or read to Energy Measurement SFR can
be done after this.
Reading Internal energy measurement
registers
When bit7 of MADDPT SFR is cleared, the content of the
internal energy measurement register designated by the address
in MADDPT is transferred to the MDATA SFRs (MDATL,
MDATM and MDATH). If the internal register is one byte long,
only the MDATL SFR content is updated with a new value while
MDATM and MDATH SFR content are reset to 00h.
The energy measurement core functions with an internal clock
of 4.096 MHz/5 or 819.2 kHz. As the 8052 core functions with
another clock, 4.096MHz / 2CD, synchronization between the
two clock environments when CD = 0 or 1 is an issue. When
data is read from the internal energy measurement, a small wait
period need to be implemented before the MDATx SFRs are
transferred to another SFR.
Sample 8051 code to read the peak voltage in the 2-byte
VPKLVL register, located at 0x16, into the data pointer is shown
below:
MOV
MADDPT,#VPKLVL_R (address 0x16)
MOV
A, #05h
DJNZ
ACC, $
MOV
DPH, MDATM
MOV
DPL, MDATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com