Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE75 Datasheet HTML 17Page - Analog Devices ADE75 Datasheet HTML 18Page - Analog Devices ADE75 Datasheet HTML 19Page - Analog Devices ADE75 Datasheet HTML 20Page - Analog Devices ADE75 Datasheet HTML 21Page - Analog Devices ADE75 Datasheet HTML 22Page - Analog Devices ADE75 Datasheet HTML 23Page - Analog Devices ADE75 Datasheet HTML 24Page - Analog Devices ADE75 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 21 of 148
Pin No.
Mnemonic
Description
49, 50
VP, VN
Analog Inputs for Voltage Channel. These inputs are fully differential voltage inputs with a maximum
differential level of
±500mV for specified operation. This channel also has an internal PGA.
51
EA
This pin is used as an input for emulation. When held high, this input enables the device to fetch code
from internal program memory locations.The ADE75xx/ADE71xx does not support external code
memory. This pin should not be left floating.
52, 53
IP, IN
Analog Inputs for Current Channel. These inputs are fully differential voltage inputs with a maximum
differential level of
±500mV for specified operation. This channel also has an internal PGA.
54
AGND
This pin provides the ground reference for the analog circuitry
55
IPB
Analog Inputs for second Current Channel. This input is fully differential with a maximum differential
level of
±500mVrefered to IN for specified operation. This channel also has an internal PGA.
56
RESET
Reset input, Active low
57
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of
1.2 V ± 8% and a typical temperature coefficient of 50 ppm/°C maximum
58
VBAT
3.3V Power supply input from Battery. This pin is connected internally to VDD when the Battery is
selected as the power supply for the ADE75xx/ADE71xx.
59
VINTA
This pin provides access to the on-chip 2.5V analog LDO. No external active circuitry should be
connected to this pin. This pin should be decoupled with a 10
μF capacitor in parallel with a ceramic
100nF capacitor.
60
VDD
3.3V Power supply input from regulator. This pin is connected internally to VDD when the regulator is
selected as the power supply for the ADE75xx/ADE71xx. This pin should be decoupled with a 10
μF
capacitor in parallel with a ceramic 100nF capacitor.
61
VSWOUT
3.3V Power supply output from ADE75xx/ADE71xx. This pin provides the supply voltage for the LDOs
and internal cicuitry of the ADE75xx/ADE71xx. This pin should be decoupled with a 10
μF capacitor in
parallel with a ceramic 100nF capacitor.
62
VINTD
This pin provides access to the on-chip 2.5V digital LDO. No external active circuitry should be
connected to this pin. This pin should be decoupled with a 10
μF capacitor in parallel with a ceramic
100nF capacitor.
63
DGND
This pin provides the ground reference for the digital circuitry
64
VDCIN
Analog input for dc voltage monitoring. The maximum input voltage on this pin is xxxmV with respect
to AGND. This pin is used to monitor the pre-regulated dc voltage. A dedicated ADC measures the
voltage on this pin—see the External Voltage Measurement section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com