Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 1 Page - Analog Devices

  ADE75 Datasheet HTML 1Page - Analog Devices ADE75 Datasheet HTML 2Page - Analog Devices ADE75 Datasheet HTML 3Page - Analog Devices ADE75 Datasheet HTML 4Page - Analog Devices ADE75 Datasheet HTML 5Page - Analog Devices ADE75 Datasheet HTML 6Page - Analog Devices ADE75 Datasheet HTML 7Page - Analog Devices ADE75 Datasheet HTML 8Page - Analog Devices ADE75 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Single-Phase Energy Measurement IC with
8052 MCU, RTC and LCD driver
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE 01/07
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 200
7 Analog Devices, Inc. All rights reserved.
GENERAL FEATURES
Wide supply voltage operation 2.4 to 3.7V
Battery supply input with Automatic switch-over
Reference 1.2 V ± 1% (drift 50 ppm/°C Maximum)
64-Lead Quad Flat (LQFP) or Chip Scale (LCSP) Lead Free
Packages1
Operating Temperature -40°C to 85°C
ENERGY MEASUREMENT FEATURES
High accuracy active, reactive energy measurement IC,
supports IEC 62053-21, 62053-22, 62053-23
Two differential inputs with PGAs to support Shunt, Current
Transformer and di/dt current sensors
Selectable Digital integrator to support di/dt current sensor
Digital parameters for Gain, offset and phase compensation
Selectable No-load threshold level for Watt, VA, and VAR
anti-creep
Less than 0.1% error on active energy over a dynamic range
of 1000 to 1 @ 25C
Less than 0.5% error on reactive energy over a dynamic
range of 1000 to 1 @ 25C
Less than 0.5% error on rms measurements over a dynamic
range of 1000 to 1 for current and 100:1 for voltage @ 25C
Auto-calibration of offsets
High frequency outputs supply proportional to Irms, active,
reactive or apparent power
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time
Temperature monitoring
1 Please contact your Analog Devices representative to check availability of
this package
MICROPROCESSOR FEATURES
8052 based core
Single-cycle 4MIPS 8052 core
8052 compatible instruction set
32.768 kHz external crystal with on-chip PLL
Two external interrupt sources
External reset pin
Real Time Clock
Counter for seconds, minutes and hours
Automatic battery switchover for RTC back up
Ultra-Low Battery Supply Current < 1
μA
Software clock calibration with temperature and offset
compensation
Integrated LCD driver
104-segment with 2, 3 or 4 Multiplexer
3V/5V driving capability
Internally generated LCD drive voltages
Temperature and Supply compensated drive voltages
Low power battery mode
Wake-up from I/O and UART
LCD driver capability
On-chip peripherals
UART, SPI or I2C
Watch-Dog timer
Power Supply Monitoring with User Selectable Levels
Memory: 16kBytes Flash Memory, 512 Bytes RAM
Development tools
Single pin emulation
IDE based assembly and C source debugging
GENERAL DESCRIPTION
The ADE75xx/ADE71xx integrates Analog Devices Energy (ADE) Metering IC analog front end and fixed function DSP solution
with an enhanced 8052 MCU core, a RTC, an LCD driver and all the peripherals to make an electronic energy meter with LCD
display with a single part.
The ADE Energy Measurement core includes Active, Reactive, Apparent Energy calculations, as well as voltage and current rms
measurements. This information is ready to use for energy billing by using built-in energy scalars. Many power line
supervisory features like SAG, Peak, Zero-crossing are also included in the energy measurement DSP to simplify energy meter
design.
The microprocessor functionality includes a single cycle 8052 core, a Real Time Clock with a power supply back-up pin, a
UART, and a SPI or I2C interface. The ready to use information from the ADE core reduces the program memory size
requirement thus making it easy to integrate complicated design in 16k Bytes of Flash memory.
The ADE75xx/ADE71xx also includes a 108/104-segment LCD driver respectively. This driver generates voltages capable of
driving 5V LCDs.


Similar Part No. - ADE75

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7566 AD-ADE7566 Datasheet
1Mb / 136P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
ADE7566ACPZF16 AD-ADE7566ACPZF16 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7566ACPZF16-RL AD-ADE7566ACPZF16-RL Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7566ACPZF16-RL12 AD-ADE7566ACPZF16-RL12 Datasheet
1Mb / 136P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
More results

Similar Description - ADE75

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
ADE7569 AD-ADE7569 Datasheet
1Mb / 136P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com