Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE75 Datasheet HTML 41Page - Analog Devices ADE75 Datasheet HTML 42Page - Analog Devices ADE75 Datasheet HTML 43Page - Analog Devices ADE75 Datasheet HTML 44Page - Analog Devices ADE75 Datasheet HTML 45Page - Analog Devices ADE75 Datasheet HTML 46Page - Analog Devices ADE75 Datasheet HTML 47Page - Analog Devices ADE75 Datasheet HTML 48Page - Analog Devices ADE75 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 45 of 148
corner frequency of 10 kHz produces an attenuation of
approximately 40 dB at 819.2 kHz — see Figure 20. The 20 dB
per decade attenuation is usually sufficient to eliminate the
effects of aliasing for conventional current sensors. However, for
a di/dt sensor such as a Rogowski coil, the sensor has a 20 dB
per decade gain. This neutralizes the –20 dB per decade
attenuation produced by one simple LPF. Therefore, when using
a di/dt sensor, care should be taken to offset the 20 dB per
decade gain. One simple approach is to cascade two RC filters to
produce the –40 dB per decade attenuation needed.
SAMPLING
FREQUENCY
IMAGE
FREQUENCIES
ALIASING EFFECTS
0
2
409.6
819.2
FREQUENCY (kHz)
Figure 20. ADC and Signal Processing in current channel Outline Dimensions
ADC Transfer Function
Both ADCs in the ADE75xx/ADE71xx are designed to produce
the same output code for the same input signal level. With a
full-scale signal on the input of 0.5 V and an internal reference
of 1.2 V, the ADC output code is nominally 2,684,354 or
28F5C2h. The maximum code from the ADC is ±4,194,304; this
is equivalent to an input signal level of ±0.794 V. However, for
specified performance, it is recommended that the full-scale
input signal level of 0.5 V not be exceeded.
Current Channel ADC
Figure 21 shows the ADC and signal processing chain for the
current channel. In waveform sampling mode, the ADC outputs
a signed twos complement 24-bit data-word at a maximum of
25.6 kSPS (MCLK/160). With the specified full-scale analog
input signal of 0.5 V (or 0.25 V or 0.125 V—see the Analog
Inputs section) the ADC produces an output code that is
approximately between 0x28F5C2 (+2,684,354d) and
0xD70A3E (–2,684,354d)—see Figure 21.
x1, x2, x4,
x8, x16
ANALOG
INPUT
RANGE
DIGITAL
INTEGRATOR*
dt
HPF
ADC
REFERENCE
V1
0V
0.5V, 0.25V,
0.125V, 62.5mV,
31.3mV
CURRENT CHANNEL
WAVEFORM
DATA RANGE
ACTIVE AND REACTIVE
POWER CALCULATION
WAVEFORM SAMPLE
REGISTER
CURRENT RMS (IRMS)
CALCULATION
50Hz
IAP
IN
PGA1
I
{GAIN[2:0]}
*WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED
DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE
FREQUENCY RESPONSE. WHEN DISABLED, THE OUTPUT WILL NOT BE FURTHER ATTENUATED.
0xD70A3E
0x000000
0x28F5C2
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (50Hz)
0xCBD330
0x000000
0x342CD0
60Hz
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (60Hz)
0xD487B0
0x000000
0x2B7850
MODE1[5]
HPF
ADC
PGA1
IBP
Figure 21. ADC and Signal Processing in Current Channel
Voltage Channel ADC
Figure 21 shows the ADC and signal processing chain for the
Voltage Channel. In waveform sampling mode, the ADC
outputs a signed twos complement 24-bit data-word at a
maximum of 25.6 kSPS (MCLK/160). The ADC produces an
output code that is approximately between 0x28F5 (+10,485d)
and 0xD70B (–10,485d)—see Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com