Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE75 Datasheet HTML 7Page - Analog Devices ADE75 Datasheet HTML 8Page - Analog Devices ADE75 Datasheet HTML 9Page - Analog Devices ADE75 Datasheet HTML 10Page - Analog Devices ADE75 Datasheet HTML 11Page - Analog Devices ADE75 Datasheet HTML 12Page - Analog Devices ADE75 Datasheet HTML 13Page - Analog Devices ADE75 Datasheet HTML 14Page - Analog Devices ADE75 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 11 of 148
TIMING SPECIFICATIONS
AC inputs during testing are driven at VSWOUT – 0.5 V for Logic 1 and 0.45 V for Logic 0. Timing measurements are made at VIH min for
Logic 1 and VIL max for Logic 0 as shown in Figure 2.
For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to float when a
100 mV change from the loaded VOH/VOL level occurs as shown in Figure 2.
CLOAD for all outputs = 80 pF, unless otherwise noted.
VDD = 2.7 V to 3.6 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2. CLOCK INPUT (External Clock Driven XTAL1) Parameter
32.768 kHz External Crystal
Min
Typ
Max
Unit
tCK
XTAL1 Period
30.52
μs
tCKL
XTAL1 Width Low
6.26
μs
tCKH
XTAL1 Width High
6.26
μs
tCKR
XTAL1 Rise Time
9
ns
tCKF
XTAL1 Fall Time
9
ns
1/tCORE
Core Clock Frequency1
TBD
TBD
4.096
MHz
1 ADE75xx/ADE71xx internal PLL locks onto a multiple (512 times) of the 32.768 kHz external crystal frequency to provide a stable 12.58 MHz internal clock for the
system. The core can operate at this frequency or at a binary submultiple called Core_Clk, selected via the PLLCON SFR.
DVDD – 0.5V
0.45V
0.2DVDD + 0.9V
TEST POINTS
0.2DVDD – 0.1V
VLOAD – 0.1V
VLOAD
VLOAD + 0.1V
TIMING
REFERENCE
POINTS
VLOAD – 0.1V
VLOAD
VLOAD – 0.1V
Figure 2. Timing Waveform Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com