Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE75 Datasheet HTML 26Page - Analog Devices ADE75 Datasheet HTML 27Page - Analog Devices ADE75 Datasheet HTML 28Page - Analog Devices ADE75 Datasheet HTML 29Page - Analog Devices ADE75 Datasheet HTML 30Page - Analog Devices ADE75 Datasheet HTML 31Page - Analog Devices ADE75 Datasheet HTML 32Page - Analog Devices ADE75 Datasheet HTML 33Page - Analog Devices ADE75 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 30 of 148
BSO Event
(FBSO=1)
V -V
PN
V
DCIN
V
DD
SAG LEVEL trip point
2.75V
SAG Event
(FSAG=1)
V
Event
1.2V
DCIN
SAGCYC=1
Automatic Battery switchover
V
connected to V
SW
BAT
If switchover on low V
is enabled,
DCIN
(FVDC=1)
t1
t3
Figure 13: Power Supply Management Interrupts and Battery Switchover with VDD or VDCIN enabled for battery switchover
Time
Comment
t1
TBD
Time between when VDCIN goes below 1.2 V and when FVDCIN is raised.
t2
TBD
Time between when VDD falls below TBD V and when battery switchover occurs.
t3
TBD
Time between when VDCIN falls below 1.2 V and when battery switchover occurs, if
VDCIN is enabled to cause battery switchover. VDCIN_OPT[1:0] in the Battery
Switchover Configuration SFR (BATPR, 0xF5) sets this timeout
Table 23: Power Supply Event Timings Operating Modes
Finally, the transition between VDD and VBAT and the different Power Supply Modes (see Operating modessection) is represented in Figure
15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com