Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE75 Datasheet HTML 47Page - Analog Devices ADE75 Datasheet HTML 48Page - Analog Devices ADE75 Datasheet HTML 49Page - Analog Devices ADE75 Datasheet HTML 50Page - Analog Devices ADE75 Datasheet HTML 51Page - Analog Devices ADE75 Datasheet HTML 52Page - Analog Devices ADE75 Datasheet HTML 53Page - Analog Devices ADE75 Datasheet HTML 54Page - Analog Devices ADE75 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 51 of 148
PKV bits are set in Interrupt Enable Register 3 SFR
(MIRQENH, 0xDB), the 8052 core has a pending ADE
interrupt.
Peak Level Record
The ADE75XX/ADE71XX records the maximum absolute value
reached by the voltage and current channels in two different
registers—IPEAK and VPEAK, respectively. VPEAK and IPEAK
are 16-bit unsigned registers. These registers are updated each
time the absolute value of the waveform sample from the
corresponding channel is above the value stored in the VPEAK
or IPEAK register. The contents of the VPEAK register
correspond to the maximum absolute value observed on the
voltage channel input. The contents of IPEAK and VPEAK
represent the maximum absolute value observed on the Current
and Voltage input respectively. Reading the RSTVPEAK and
RSTIPEAK registers clears their respective contents after the read
operation.
PHASE COMPENSATION
The ADE75XX/ADE71XX must work with transducers, which
could have inherent phase errors. For example, a phase error of
0.1° to 0.3° is not uncommon for a current transformer (CT).
These phase errors can vary from part to part, and they must be
corrected in order to perform accurate power calculations. The
errors associated with phase mismatch are particularly
noticeable at low power factors. The ADE75XX/ADE71XX
provides a means of digitally calibrating these small phase
errors. The ADE75XX/ADE71XX allows a small time delay or
time advance to be introduced into the signal processing chain
to compensate for small phase errors. Because the
compensation is in time, this technique should be used only for
small phase errors in the range of 0.1° to 0.5°. Correcting large
phase errors using a time shift technique can introduce
significant phase errors at higher harmonics.
The phase calibration register (PHCAL[7:0]) is a twos comple-
ment signed single-byte register that has values ranging from
0x82 (–126d) to 0x68 (104d).
The register is centered at 0x40, so that writing 0x40 to the
register gives 0 delay. By changing the PHCAL register, the time
delay in the Voltage channel signal path can change from –
231.93 μs to +48.83 μs (MCLK = 4.096 MHz). One LSB is
equivalent to 1.22 μs (MCLK/5) time delay or advance. A line
frequency of 60 Hz gives a phase resolution of 0.026° at the
fundamental (i.e., 360° × 1.22 μs × 60 Hz)) or 0.00732% of the
line period. Similarly, a line frequency of 50Hz gives a phase
resolution of 0.022° at the fundamental or 0.0061% of the line
period. Figure 33 illustrates how the phase compensation is
used to remove a 0.1° phase lead in Current channel due to the
external transducer. To cancel the lead (0.1°) in Current
channel, a phase lead must also be introduced into Voltage
channel. The resolution of the phase adjustment allows the
introduction of a phase lead in increment of 0.026°. The phase
lead is achieved by introducing a time advance into Voltage
channel. A time advance of 4.88 μs is made by writing −4
(0x3C) to the time delay block, thus reducing the amount of
time delay by 4.88 μs, or equivalently, a phase lead of
approximately 0.1° at line frequency of 60 Hz. 0x3C represents –4
because the register is centered with 0 at 0x40.
1
1
0
1
0
0
1
70
PGA1
IPA
IN
I
ADC 1
HPF
24
PGA2
VP
V
V
ADC 2
DELAY BLOCK
1.22
μs/LSB
24
LPF2
V
I
60Hz
0.1°
I
V
CHANNEL 2 DELAY
REDUCED BY 4.48
μs
(0.1°LEAD AT 60Hz)
0Bh IN PHCAL [5.0]
PHCAL [7:0]
--231.93
μs TO +48.83μs
60Hz
1
1
Figure 33. Phase Calibration
ADE75XX/ADE71XX RMS CALCULATION
Root mean square (rms) value of a continuous signal V(t) is
defined as
VRMS =
∫
×
=
T
rms
dt
t
V
T
V
0
2
)
(
1
(2)
For time sampling signals, rms calculation involves squaring the
signal, taking the average and obtaining the square root. The
ADE75XX/ADE71XX implements this method by serially
squaring the input, averaging them and then taking the root
square of the average. The averaging part of this signal
processing is done by implementing a Low Pass filter (LPF3 in
Figure 35 and Figure 36). This LPF has a -3dB cut-off frequency
of 2Hz when MCLK = 4.096MHz.
V(t) =
)
sin(
2
t
V
ω
×
where: V is the rms voltage.
( )t
V
V
t
V
ω
2
cos
)
(
2
2
2
−
=
When this signal goes through LPF3, the cos(2ωt) term is
attenuated and only the DC term Vrms2 goes through – see
Figure 34.
V
LPF3
INPUT
V(t)=
( )t
V
V
t
V
ω
2
cos
)
(
2
2
2
−
=
V
t
V
)
(
2
2
=
)
sin(
2
t
V
ωω
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com