Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE75 Datasheet HTML 9Page - Analog Devices ADE75 Datasheet HTML 10Page - Analog Devices ADE75 Datasheet HTML 11Page - Analog Devices ADE75 Datasheet HTML 12Page - Analog Devices ADE75 Datasheet HTML 13Page - Analog Devices ADE75 Datasheet HTML 14Page - Analog Devices ADE75 Datasheet HTML 15Page - Analog Devices ADE75 Datasheet HTML 16Page - Analog Devices ADE75 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 13 of 148
Table 4. SPI MASTER MODE TIMING (CPHA = 1) Parameter
Min
Typ
Max
Unit
tSL
SCLOCK Low Pulse Width1
977
ns
tSH
SCLOCK High Pulse Width1
977
ns
tDAV
Data Output Valid after SCLOCK Edge
TBD
ns
tDSU
Data Input Setup Time before SCLOCK Edge
TBD
ns
tDHD
Data Input Hold Time after SCLOCK Edge
TBD
ns
tDF
Data Output Fall Time
10
25
ns
tDR
Data Output Rise Time
10
25
ns
tSR
SCLOCK Rise Time
10
25
ns
tSF
SCLOCK Fall Time
10
25
ns
____________________________________________
1 Characterized under the following conditions:
a. Core clock divider bits CD2, CD1, and CD0 in POWCON SFR set to 0, 0, and 0, respectively, that is, core clock frequency = 4.096/8 MHz.
b. SPI bit-rate selection bits SPIR1 and SPR0 in SPI2CMOD SFR set to 0 and 0, respectively.
SCLOCK
(CPOL = 0)
t
DSU
SCLOCK
(CPOL = 1)
MOSI
MISO
MSB
LSB
LSB IN
BITS 6–1
BITS 6–1
t
DHD
t
DR
t
DAV
t
DF
t
SH
t
SL
t
SR
t
SF
MSB IN
Figure 4. SPI Master Mode Timing (CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com