Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE75 Datasheet HTML 6Page - Analog Devices ADE75 Datasheet HTML 7Page - Analog Devices ADE75 Datasheet HTML 8Page - Analog Devices ADE75 Datasheet HTML 9Page - Analog Devices ADE75 Datasheet HTML 10Page - Analog Devices ADE75 Datasheet HTML 11Page - Analog Devices ADE75 Datasheet HTML 12Page - Analog Devices ADE75 Datasheet HTML 13Page - Analog Devices ADE75 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 10 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VINTA power supply rejection
80
dB
VINTD power supply rejection
60
dB
POWER SUPPLY CURRENTS
Current in Normal Mode (PSM0)
3.5
mA
Fcore = 4.096 MHz
Current in Normal Mode (PSM0)
2.1
mA
Fcore = 1.024 MHz
Current in PSM1 with VINTA disabled
880
μA
Fcore = 1.024 MHz
Current in PSM2
1.5
μA
1 These numbers are not production tested but are guaranteed by design and/or characterization data on production release
2 See Terminology section for explanation of specifications.
3 LSB means Least Significant Bit
4 Delay between ADC conversion request and interrupt set
5 Delay between power supply valid and execution of first instruction by 8052 core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com