Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 83 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE75 Datasheet HTML 79Page - Analog Devices ADE75 Datasheet HTML 80Page - Analog Devices ADE75 Datasheet HTML 81Page - Analog Devices ADE75 Datasheet HTML 82Page - Analog Devices ADE75 Datasheet HTML 83Page - Analog Devices ADE75 Datasheet HTML 84Page - Analog Devices ADE75 Datasheet HTML 85Page - Analog Devices ADE75 Datasheet HTML 86Page - Analog Devices ADE75 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 83 of 148
Status Flags Referenced by Instruction: Carry, AC
Status Flags Affected:
Status
Flag
Description
C
Set if the result is greater than 99h. Cleared
otherwise.
RRC
A
Function: Rotates the accumulator to the right through the
carry flag. The old LSB of the Accumulator becomes the new
carry flag and the old carry flag is loaded into the new MSB of
the Accumulator.
Status Flags Referenced by Instruction: Carry
Status Flags Affected:
Status
Flag
Description
C
Equal to the state of ACC.0 before execution of the
instruction
RLC
A
Function: Rotates the accumulator to the left through the carry
flag. The old MSB of the Accumulator becomes the new carry
flag and the old carry flag is loaded into the new LSB of the
Accumulator.
Status Flags Referenced by Instruction: Carry
Status Flags Affected:
Status
Flag
Description
C
Equal to the state of ACC.7 before execution of the
instruction
CJNE
destination, source, relative jump
Function: Compares the value of the source to the value of the
destination and branches to the location set by the relative jump
if they are not equal. If the values are equal, program execution
continues with the instruction after the CJNE instruction.
Status Flags Referenced by Instruction: None
Status Flags Affected:
Status
Flag
Description
C
Set if the source value is greater than the destination
value. Cleared otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com