Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE75 Datasheet HTML 40Page - Analog Devices ADE75 Datasheet HTML 41Page - Analog Devices ADE75 Datasheet HTML 42Page - Analog Devices ADE75 Datasheet HTML 43Page - Analog Devices ADE75 Datasheet HTML 44Page - Analog Devices ADE75 Datasheet HTML 45Page - Analog Devices ADE75 Datasheet HTML 46Page - Analog Devices ADE75 Datasheet HTML 47Page - Analog Devices ADE75 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 44 of 148
RESERVED
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
7
0
ADDR:
1BH
* REGISTER CONTENTS
SHOW POWER-ON DEFAULTS
PGA 2 GAIN SELECT
000 = x 1
001 = x 2
010 = x 4
011 = x 8
100 = x 16
PGA 1 GAIN SELECT
000 = x 1
001 = x 2
010 = x 4
011 = x 8
100 = x 16
6
0
5
0
4
0
3
0
2
0
1
0
0
0
Figure 17. ADE75XX/ADE71XX Analog Gain Register
ANALOG TO DIGITAL CONVERSION
The ADE75XX/ADE71XX has two sigma-delta Analog to
Digital Converters (ADC). The outputs of these ADCs are
mapped directly to waveform sampling SFRs (address 0xE2 to
0xE7) and are used for the energy measurement internal digital
signal processing. In PSM1 (Battery mode)and PSM2 (Sleep
mode), the ADCs are powered down to minimize power
consumption.
For simplicity, the block diagram in Figure 18 shows a first-
order Σ-Δ ADC. The converter is made up of the Σ-Δ
modulator and the digital low-pass filter.
24
DIGITAL
LOW-PASS
FILTER
R
C
ANALOG
LOW-PASS FILTER
+
–
VREF
1-BIT DAC
INTEGRATOR
MCLK/5
LATCHED
COMPARATOR
.....10100101.....
+
–
Figure 18. First-Order
Σ-∆ ADC
A Σ-∆ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE75xx/ADE71xx, the sampling clock is equal to
MCLK/5. The 1-bit DAC in the feedback loop is driven by the
serial data stream. The DAC output is subtracted from the input
signal. If the loop gain is high enough, the average value of the
DAC output (and therefore the bit stream) can approach that of
the input signal level. For any given input value in a single
sampling interval, the data from the 1-bit ADC is virtually
meaningless. Only when a large number of samples are averaged
is a meaningful result obtained. This averaging is carried out in
the second part of the ADC, the digital low-pass filter. By
averaging a large number of bits from the modulator, the low-
pass filter can produce 24-bit data-words that are proportional
to the input signal level.
The Σ-Δ converter uses two techniques to achieve high
resolution from what is essentially a 1-bit conversion technique.
The first is oversampling. Oversampling means that the signal is
sampled at a rate (frequency), which is many times higher than
the bandwidth of interest. For example, the sampling rate in the
ADE75xx/ADE71xx is MCLK/5 (819.2 kHz) and the band of
interest is 40 Hz to 2 kHz. Oversampling has the effect of
spreading the quantization noise (noise due to sampling) over a
wider bandwidth. With the noise spread more thinly over a
wider bandwidth, the quantization noise in the band of interest
is lowered — see Figure 19. However, oversampling alone is not
efficient enough to improve the signal-to-noise ratio (SNR) in
the band of interest. For example, an oversampling ratio of 4 is
required just to increase the SNR by only 6 dB (1 bit). To keep
the oversampling ratio at a reasonable level, it is possible to
shape the quantization noise so that the majority of the noise
lies at the higher frequencies. In the Σ-Δ modulator, the noise is
shaped by the integrator, which has a high-pass-type response
for the quantization noise. The result is that most of the noise is
at the higher frequencies where it can be removed by the digital
low-pass filter. This noise shaping is shown in Figure 19.
409.6
0
819.2
2
NOISE
SIGNAL
DIGITAL
FILTER
ANTILALIAS
FILTER (RC)
SAMPLING
FREQUENCY
HIGH RESOLUTION
OUTPUT FROM DIGITAL
LPF
SHAPED
NOISE
409.6
0
819.2
2
NOISE
SIGNAL
FREQUENCY (kHz)
FREQUENCY (kHz)
02875-0-047
Figure 19. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
Anti-aliasing Filter
Figure 18 also shows an analog low-pass filter (RC) on the input
to the modulator. This filter is present to prevent aliasing.
Aliasing is an artifact of all sampled systems. Aliasing means
that frequency components in the input signal to the ADC,
which are higher than half the sampling rate of the ADC,
appear in the sampled signal at a frequency below half the
sampling rate. Figure 20 illustrates the effect. Frequency
components (arrows shown in black) above half the sampling
frequency (also know as the Nyquist frequency, i.e., 409.6 kHz)
are imaged or folded back down below 409.6 kHz. This happens
with all ADCs regardless of the architecture. In the example
shown, only frequencies near the sampling frequency, i.e., 819.2
kHz, move into the band of interest for metering, i.e., 40 Hz to 2
kHz. This allows the use of a very simple LPF (low-pass filter)
to attenuate high frequency (near 819.2 kHz) noise, and
prevents distortion in the band of interest. For conventional
current sensors, a simple RC filter (single-pole LPF) with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com