Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE75 Datasheet HTML 11Page - Analog Devices ADE75 Datasheet HTML 12Page - Analog Devices ADE75 Datasheet HTML 13Page - Analog Devices ADE75 Datasheet HTML 14Page - Analog Devices ADE75 Datasheet HTML 15Page - Analog Devices ADE75 Datasheet HTML 16Page - Analog Devices ADE75 Datasheet HTML 17Page - Analog Devices ADE75 Datasheet HTML 18Page - Analog Devices ADE75 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 15 of 148
Table 6. SPI SLAVE MODE TIMING (CPHA = 1) Parameter
Min
Typ
Max
Unit
tSS
SS to SCLOCK Edge
0
ns
tSL
SCLOCK Low Pulse Width
977
ns
tSH
SCLOCK High Pulse Width
977
ns
tDAV
Data Output Valid after SCLOCK Edge
TBD
ns
tDSU
Data Input Setup Time before SCLOCK Edge
TBD
ns
tDHD
Data Input Hold Time after SCLOCK Edge
TBD
ns
tDF
Data Output Fall Time
10
25
ns
tDR
Data Output Rise Time
10
25
ns
tSR
SCLOCK Rise Time
10
25
ns
tSF
SCLOCK Fall Time
10
25
ns
tDIS
MISO disable after SS rising edge
TBD
ns
tSFS
SS High after SCLOCK Edge
0
ns
1
MISO
MOSI
SCLOCK
(CPOL = 1)
SCLOCK
(CPOL = 0)
SS
MSB
BITS 6–1
LSB
BITS 6–1
LSB IN
t
DHD
t
DSU
t
DR
t
DF
t
DAV
t
SH
t
SL
t
SR
t
SF
t
SFS
MSB IN
t
SS
t
DIS
Figure 6. SPI Slave Mode Timing (CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com