Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 79 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADE75 Datasheet HTML 75Page - Analog Devices ADE75 Datasheet HTML 76Page - Analog Devices ADE75 Datasheet HTML 77Page - Analog Devices ADE75 Datasheet HTML 78Page - Analog Devices ADE75 Datasheet HTML 79Page - Analog Devices ADE75 Datasheet HTML 80Page - Analog Devices ADE75 Datasheet HTML 81Page - Analog Devices ADE75 Datasheet HTML 82Page - Analog Devices ADE75 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 79 of 148
Mnemonic
Description
Bytes
Cycles
ADD A,dir
Add direct byte to A
2
2
ADD A,#data
Add immediate to A
2
2
ADDC A,Rn 1 1
Add register to A with carry
1
1
ADDC A,@Ri
Add indirect memory to A with carry
1
2
ADDC A,dir
Add direct byte to A with carry
2
2
ADD A,#data
Add immediate to A with carry
2
2
SUBB A,Rn
Subtract register from A with borrow
1
1
SUBB A,@Ri
Subtract indirect memory from A with borrow
1
2
SUBB A,dir
Subtract direct from A with borrow
2
2
SUBB A,#data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC @
Ri Increment indirect memory
1
2
INC dir
Increment direct byte
2
2
INC DPTR
Increment data pointer
1
3
DEC A
Decrement A
1
1
DEC Rn
Decrement register
1
1
DEC @Ri
Decrement indirect memory
1
2
DEC dir
Decrement direct byte
2
2
MUL AB
Multiply A by B
1
9
DIV AB
Divide A by B
1
9
DA A A
Decimal adjust A
1
2
Logic
ANL A,Rn
AND register to A
1
1
ANL A,@Ri
AND indirect memory to A
1
2
ANL A,dir
AND direct byte to A
2
2
ANL A,#data
AND immediate to A
2
2
ANL dir,A
AND A to direct byte
2
2
ANL dir,#data
AND immediate data to direct byte
3
3
ORL A,Rn
OR register to A
1
1
ORL A,@Ri
OR indirect memory to A
1
2
ORL A,dir
OR direct byte to A
2
2
ORL A,#data
OR immediate to A
2
2
ORL dir,A
OR A to direct byte
2
2
ORL dir,#data
OR immediate data to direct byte
3
3
XRL A,Rn
Exclusive-OR register to A
1
1
XRL A,@Ri
Exclusive-OR indirect memory to A
2
2
XRL A,#data
Exclusive-OR immediate to A
2
2
XRL dir,A
Exclusive-OR A to direct byte
2
2
XRL A,
dir Exclusive-OR indirect memory to A
2
2
XRL dir,#data
Exclusive-OR immediate data to direct
3
3
CLR A
Clear A
1
1
CPL A
Complement A
1
1
SWAP A
Swap nibbles of A
1
1
RL A
Rotate A left
1
1
RLC A
Rotate A left through carry
1
1
RR A
Rotate A right
1
1
RRC A
Rotate A right through carry
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com