Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE75 Datasheet(PDF) 102 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 102 Page - Analog Devices

Back Button ADE75 Datasheet HTML 98Page - Analog Devices ADE75 Datasheet HTML 99Page - Analog Devices ADE75 Datasheet HTML 100Page - Analog Devices ADE75 Datasheet HTML 101Page - Analog Devices ADE75 Datasheet HTML 102Page - Analog Devices ADE75 Datasheet HTML 103Page - Analog Devices ADE75 Datasheet HTML 104Page - Analog Devices ADE75 Datasheet HTML 105Page - Analog Devices ADE75 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 102 of 148
FLASH MEMORY
FLASH MEMORY OVERVIEW
Flash memory is a type of non-volatile memory that is in-
circuit programmable. The default, erased, state of a byte of
flash memory is 0xFF. When a byte of flash memory is
programmed, the required bits change from one to zero. The
flash memory must be erased to turn the zeros back to ones.
However, a byte of flash memory cannot be erased individually.
The entire segment, or page, of flash memory that contains the
byte must be erased.
The ADE75XX/ADE71XX provides 8 or 16kbytes of flash
program/information memory. This memory is segmented into
32 pages of 512 bytes each. So, to reprogram one byte of flash
memory, the 511 bytes in that page must be erased. The flash
memory can be erased by page or all at once in a mass erase.
There is a command to verify that a flash write operation has
completed successfully. The ADE75XX/ADE71XX flash
memory controller also offers configurable flash memory
protection.
The 8 or 16 kbytes of flash memory are provided on-chip to
facilitate code execution without any external discrete ROM
device requirements. The program memory can be programmed
in-circuit, using the serial download mode provided or using
conventional third party memory programmers.
Flash/EE Memory Reliability
The Flash memory arrays on the ADE75XX/ADE71XX are fully
qualified for two key Flash/EE memory characteristics:
Flash/EE memory cycling endurance and Flash/EE memory
data retention.
Endurance quantifies the ability of the Flash/EE memory to be
cycled through many program, read, and erase cycles. In real
terms, a single endurance cycle is composed of four
independent, sequential events:
1.
Initial page erase sequence
2.
Read/verify sequence
3.
Byte program sequence
4.
Second read/verify sequence
In reliability qualification, every byte in both the program and
data Flash/EE memory is cycled from 00H to FFH until a first
fail is recorded, signifying the endurance limit of the on-chip
Flash/EE memory.
As indicated in the specification table, the ADE75XX/ADE71XX
flash memory endurance qualification has been carried out in
accordance with JEDEC Specification A117 over the industrial
temperature range of –40°C, +25°C and +85°C. The results
allow the specification of a minimum endurance figure over
supply and temperature of 100,000 cycles, with a minimum
endurance figure of 20,000 cycles of operation at 25°C.
Retention is the ability of the Flash memory to retain its
programmed data over time. Again, the parts have been qualified
in accordance with the formal JEDEC Retention Lifetime
Specification (A117) at a specific junction temperature (TJ =
55°C). As part of this qualification procedure, the Flash memory
is cycled to its specified endurance limit described previously,
before data retention is characterized. This means that the Flash
memory is guaranteed to retain its data for its full specified
retention lifetime every time the Flash memory is
reprogrammed. It should also be noted that retention lifetime,
based on an activation energy of 0.6 eV, derates with TJ as shown
in Figure 65.
40
60
70
90
TJ JUNCTION TEMPERATURE (°C)
250
200
150
100
50
0
50
80
110
300
100
ADI SPECIFICATION
100 YEARS MIN.
AT TJ = 55°C
Figure 65. Flash/EE Memory Data Retention
FLASH MEMORY ORGANIZATION
The 8 or 16kbytes of flash memory provided by the
ADE75XX/ADE71XX are segmented into 32 pages of 512 bytes
each. It is up to the user to decide which Flash memory he
would like to allocate for data memory. It is recommended that
each page be dedicated solely to program or data memory so
that an instance does not arise where the program counter is
loaded with data memory instead of an opcode from the
program memory or where program memory is erased to
update a byte of data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com