Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 346Page - Renesas Technology Corp M32C/8A Datasheet HTML 347Page - Renesas Technology Corp M32C/8A Datasheet HTML 348Page - Renesas Technology Corp M32C/8A Datasheet HTML 349Page - Renesas Technology Corp M32C/8A Datasheet HTML 350Page - Renesas Technology Corp M32C/8A Datasheet HTML 351Page - Renesas Technology Corp M32C/8A Datasheet HTML 352Page - Renesas Technology Corp M32C/8A Datasheet HTML 353Page - Renesas Technology Corp M32C/8A Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 333 of 352
REJ09B0385-0100
24.2
Special Function Registers (SFRs)
24.2.1
100 Pin-Package
Set addresses 03CBh, 03CEh, 03CFh, 03D2h, and 03D3h to FFh after reset when using the 100-pin package.
Address 03DCh must be set to 00h after reset.
24.2.2
Register Settings
Table 24.3 lists registers containing write-only bits. Read-modify-write instructions cannot be used to set these
registers. If these registers are set using a read-modify-write instruction, undefined values are read from the
write-only bits in the register and written back to these bits. Table 24.4 lists read-modify-write instructions.
When establishing new values by modifying previous ones, write the previous values into RAM as well as to
the register. Change the contents of the RAM and then transfer the new values to the register.
Table 24.3
Registers with Write-Only Bits
NOTE:
1. In one-shot timer mode and pulse width modulation mode only.
Table 24.4
Read-Modify-Write Instructions
Register
Address
Register
Address
WDTS register
000Eh
U3TB register
032Bh to 032Ah
U1BRG register
02E9h
U2BRG register
0339h
U1TB register
02EBh to 02EAh
U2TB register
033Bh to 033Ah
U4BRG register
02F9h
UDF register
0344h
U4TB register
02FBh to 02FAh
TA0 register(1)
0347h to 0346h
TA11 register
0303h, 0302h
TA1 register(1)
0349h to 0348h
TA21 register
0305h, 0304h
TA2 register(1)
034Bh to 034Ah
TA41 register
0307h, 0306h
TA3 register(1)
034Dh to 034Ch
DTT register
030Ch
TA4 register(1)
034Fh to 034Eh
ICTB2 register
030Dh
U0BRG register
0369h
U3BRG register
0329h
U0TB register
036Bh to 036Ah
Function
Mnemonic
Transfer
MOVDir
Bit manipulation
BCLR, BMCnd, BNOT, BSET, BTSTC, BTSTS
Shift
ROLC, RORC, ROT, SHA, SHANC, SHL, SHLNC
Arithmetic
ABS, ADC, ADCF, ADD, ADDX, DADC, DADD, DEC, DSBB, DSUB, EXTS, EXTZ, INC,
MUL, MULEX, MULU, NEG, SBB, SUB, SUBX
Logical
AND, NOT, OR, XOR
Jump
ADJNZ, SBJNZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com