Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 347Page - Renesas Technology Corp M32C/8A Datasheet HTML 348Page - Renesas Technology Corp M32C/8A Datasheet HTML 349Page - Renesas Technology Corp M32C/8A Datasheet HTML 350Page - Renesas Technology Corp M32C/8A Datasheet HTML 351Page - Renesas Technology Corp M32C/8A Datasheet HTML 352Page - Renesas Technology Corp M32C/8A Datasheet HTML 353Page - Renesas Technology Corp M32C/8A Datasheet HTML 354Page - Renesas Technology Corp M32C/8A Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 334 of 352
REJ09B0385-0100
24.3
Clock Generation Circuits
24.3.1
Main Clock
• When the CPU operating frequency is required 24 MHz or more, make an oscillator connected to the main
clock circuit (XIN-XOUT), or an external clock applied to the XIN pin have 24 MHz or less frequency, and
then multiply the main clock with the PLL frequency synthesizer. By using this procedure, a better EMC
(Electromagnetic Compatibility) performance can be achieved than using a more than 24 MHz oscillator
(external clock).
• If the main clock is selected as the CPU clock while an external clock is applied to the XIN pin, do not stop
the external clock.
(Technical update: TN-M16C-109-0309)
• When an external clock is used for the CPU clock, do not set the CM05 bit in the CM0 register to 1
(stopped).
24.3.2
Sub Clock
24.3.2.1
To Oscillate Sub Clock
To oscillate the sub clock, set the CM07 bit in the CM0 register to 0 (clock other than the sub clock) and the
CM03 bit to 1 (XCIN-XOUT drive capability HIGH). Then, set the CM04 bit in the CM0 register to 1 (XCIN-
XCOUT oscillation function). Once the sub clock becomes stabilized, set the CM03 bit to 0 (XCIN-XOUT
drive capability LOW).
After the above procedure, the sub clock can be used as the CPU clock, or the count source for timer A and
timer B.
(Technical update: TN-16C-119A/EA)
24.3.2.2
Oscillation Parameter Matching
If an oscillation circuit constant matching for the sub clock oscillation circuit has only been evaluated with the
drive capability HIGH, the constant matching for drive capability LOW must also be evaluated.
Contact your oscillator manufacturer for details on the oscillation circuit constant matching.
24.3.3
Clock Dividing Ratio
To change bits MCD4 to MCD0, set the PM12 bit in the PM1 register to 0 (no wait state).
24.3.4
Power Consumption Control
Stabilize the main clock, sub clock, or PLL clock prior to switching the clock source for the CPU clock to one
of these clocks.
24.3.4.1
Wait Mode
• When entering wait mode with setting the CM02 bit in the CM0 register to 1 (peripheral clocks stop in wait
mode), set bits MCD4 to MCD0 in the MCD register to be the 10-MHz or less CPU clock frequency after
dividing the main clock.
• When entering wait mode, the instructions following the WAIT instruction are stored into the instruction
queue, and the program stops. Insert at least 4 NOP instructions after the WAIT instruction.
• To enter wait mode, execute the WAIT instruction while a high-level (“H”) signal is applied to the NMI
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com