Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 351Page - Renesas Technology Corp M32C/8A Datasheet HTML 352Page - Renesas Technology Corp M32C/8A Datasheet HTML 353Page - Renesas Technology Corp M32C/8A Datasheet HTML 354Page - Renesas Technology Corp M32C/8A Datasheet HTML 355Page - Renesas Technology Corp M32C/8A Datasheet HTML 356Page - Renesas Technology Corp M32C/8A Datasheet HTML 357Page - Renesas Technology Corp M32C/8A Datasheet HTML 358Page - Renesas Technology Corp M32C/8A Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 338 of 352
REJ09B0385-0100
24.5
Interrupts
24.5.1
ISP Setting
After reset, ISP is initialized to 000000h. The program crash may occur if an interrupt is acknowledged before
setting a value to ISP. Therefore, ISP must be set before any interrupt request is acknowledged. Setting ISP to
an even address allows interrupt sequences to be executed at a higher speed.
To use the NMI interrupt, set ISP at the very beginning of the program. The NMI interrupt can be
acknowledged after the first instruction has been executed after reset.
24.5.2
NMI Interrupt
• The NMI interrupt cannot be disabled. Connect the NMI pin to VCC1 via a resistor (pull-up) when not in
use.
• The P8_5 bit in the P8 register indicates the voltage level applied to the NMI pin. Read the P8_5 bit only to
determine the pin level after the NMI interrupt occurs.
24.5.3
INT Interrupt
• Edge Sensitive
Each of “H” or “L” width of signals applied to pins INT0 to INT5 must be 250 ns or more regardless of the
CPU clock frequency.
• Level Sensitive
Each of “H” or “L” width of signals applied to pins INT0 to INT5 must be one CPU clock cycle + 200 ns or
more. For example, each of “H” or “L” width must be 234 ns or more if the CPU clock is 30 MHz.
• The IR bit in the INTiIC register (i = 0 to 5) may become 1 (interrupt requested) when the polarity settings of
pins INT0 to INT5 are changed. Set the IR bit to 0 (interrupt not requested) after the polarity setting is changed.
Figure 24.3 shows an example of the switching procedure for an INTi interrupt source (i = 0 to 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com